Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3425 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP3425
Description  16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3425 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP3425 Datasheet HTML 4Page - Microchip Technology MCP3425 Datasheet HTML 5Page - Microchip Technology MCP3425 Datasheet HTML 6Page - Microchip Technology MCP3425 Datasheet HTML 7Page - Microchip Technology MCP3425 Datasheet HTML 8Page - Microchip Technology MCP3425 Datasheet HTML 9Page - Microchip Technology MCP3425 Datasheet HTML 10Page - Microchip Technology MCP3425 Datasheet HTML 11Page - Microchip Technology MCP3425 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MCP3425
DS22072A-page 8
© 2007 Microchip Technology Inc.
The output codes will not roll-over if the input voltage
exceeds the maximum input range. In this case, the
code will be locked at 0111...11 for all voltages
greater than +(VREF - 1 LSB) and 1000...00 for
voltages less than -VREF. Table 4-2 shows an example
of output codes of various input levels using 16 bit
conversion mode. Table 4-3 shows an example of
minimum and maximum codes for each data rate
option.
The output code is given by:
EQUATION 4-1:
The LSB of the code is given by:
EQUATION 4-2:
TABLE 4-1:
LSB SIZE OF VARIOUS BIT
CONVERSION MODES
TABLE 4-2:
EXAMPLE OF OUTPUT CODE
FOR 16 BITS
TABLE 4-3:
MINIMUM AND MAXIMUM
CODES
4.6
Self-Calibration
The device performs a self-calibration of offset and
gain for each conversion. This provides reliable
conversion results from conversion-to-conversion over
variations in temperature as well as power supply
fluctuations.
4.7
Input Impedance
The MCP3425 uses a switched-capacitor input stage
using a 3.2 pF sampling capacitor. This capacitor is
switched (charged and discharged) at a rate of the
sampling frequency that is generated by the on-board
clock. The differential mode impedance varies with the
PGA settings. The typical differential input impedance
during a normal mode operation is given by:
Since the sampling capacitor is only switching to the
input pins during a conversion process, the above input
impedance is only valid during conversion periods. In a
low power standby mode, the above impedance is not
presented at the input pins. Therefore, only a leakage
current due to ESD diode is presented at the input pins.
The conversion accuracy can be affected by the input
signal source impedance when any external circuit is
connected to the input pins. The source impedance
adds to the internal impedance and directly affects the
time required to charge the internal sampling capacitor.
Therefore, a large input source impedance connected
to the input pins can increase the system performance
errors such as offset, gain, and integral nonlinearity
(INL) errors. Ideally, the input source impedance
should be zero. This can be achievable by using an
operational
amplifier
with
a
closed-loop
output
impedance of tens of ohms.
Bit Resolutions
LSB (V)
12 bits
1 mV
14 bits
250 µV
16 bits
62.5 µV
Input Voltage (V)
Digital Code
≥ V
REF
0111111111111111
VREF - 1 LSB
0111111111111111
2LSB
0000000000000010
1LSB
0000000000000001
0
0000000000000000
-1 LSB
1111111111111111
-2 LSB
1111111111111110
- VREF
1000000000000000
< -VREF
1000000000000000
Output Code
Max Code
1
+
()
V
IN+VIN-
–
()
2.048V
---------------------------------------
×
=
LSB
2
2.048V
×
2
N
--------------------------
=
Where:
N = number of bits
Number
of Bits
Data Rate
Minimum
Code
Maximum
Code
12
240 SPS
-2048
2047
14
60 SPS
-8192
8191
16
15 SPS
-32768
32767
Note:
Maximum n-bit code = 2n-1 - 1
Minimum n-bit code = -1 x 2n-1
ZIN(f) = 2.25 MΩ/PGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com