Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3425 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP3425
Description  16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3425 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP3425 Datasheet HTML 8Page - Microchip Technology MCP3425 Datasheet HTML 9Page - Microchip Technology MCP3425 Datasheet HTML 10Page - Microchip Technology MCP3425 Datasheet HTML 11Page - Microchip Technology MCP3425 Datasheet HTML 12Page - Microchip Technology MCP3425 Datasheet HTML 13Page - Microchip Technology MCP3425 Datasheet HTML 14Page - Microchip Technology MCP3425 Datasheet HTML 15Page - Microchip Technology MCP3425 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
MCP3425
DS22072A-page 12
© 2007 Microchip Technology Inc.
In read mode, the RDY bit in the configuration byte
indicates the state of the conversion: (a) RDY = 1
indicates that the data bytes that have just been read
were not updated from the previous conversion. (b)
RDY = 0 indicates that the data bytes that have just
been read were updated.
If the configuration byte is read repeatedly by clocking
continuously after the first read, the state of the RDY bit
indicates whether the device is ready with new
conversion
data.
See
Figure 5-2.
For
example,
RDY = 0 means new conversion data is ready for read-
ing. In this case, the user can send a stop bit to exit the
current read operation and send a new read command
to read out updated conversion data. See Figures 5-2
and 5-2 for reading conversion data. The user can
rewrite the configuration byte any time for a new
setting. Tables 5-1 and 5-2 show the examples of the
configuration bit operation.
5.3
I2C Serial Communications
The MCP3425 device communicates with Master
(microcontroller) through a serial I2C (Inter-Integrated
Circuit) interface and supports standard (100 kbits/
sec), fast (400 kbits/sec) and high-speed (3.4 Mbits/
sec) modes. The serial I2C is a bidirectional 2-wire data
bus communication protocol using open-drain SCL and
SDA lines.
The MCP3425 can only be addressed as a slave. Once
addressed, it can receive configuration bits or transmit
the latest conversion results. The serial clock pin (SCL)
is an input only and the serial data pin (SDA) is
bidirectional. An example of a hardware connection
diagram is shown in Figure 6-1.
The Master starts communication by sending a START
bit and terminates the communication by sending a
STOP bit. The first byte after the START bit is always
the address byte of the device, which includes the
device code, the address bits, and the R/W bit. The
device code for the MCP3425 device is 1101. The
address bits (A2, A1, A0) are pre-programmed at the
factory. In general, the address bits are specified by the
customer when they order the device. The three
address bits are programmed to “000” at the factory, if
they are not specified by the customer. Figure 5-1
shows the details of the MCP3425 address byte.
During a low power standby mode, SDA and SCL pins
remain at a floating condition.
More details of the I2C bus characteristic is described
in Section 5.6 “I2C Bus Characteristics”.
5.3.1
DEVICE ADDRESSING
The address byte is the first byte received following the
START condition from the Master device. The
MCP3425 device code is 1101. The device code is
followed by three address bits (A2, A1, A0) which are
programmed at the factory. The three address bits
allow up to eight MCP3425 devices on the same data
bus line. The (R/W) bit determines if the Master device
wants to read the conversion data or write to the
Configuration register. If the (R/W) bit is set (read
mode), the MCP3425 outputs the conversion data in
the following clocks. If the (R/W) bit is cleared (write
mode), the MCP3425 expects a configuration byte in
the following clocks. When the MCP3425 receives the
correct address byte, it outputs an acknowledge bit
after the R/W bit. Figure 5-1 shows the MCP3425
address byte. See Figure 5-2 for the read operation
and Figure 5-3 for the write operation of the device.
TABLE 5-1:
CONFIGURATION BITS FOR
WRITING
R/W
O/C
RDY
Operation
0
0
0
No effect if all other bits remain
the same - operation continues
with the previous settings
0
0
1
Initiate One-Shot Conversion
0
1
0
Initiate Continuous Conversion
0
1
1
Initiate Continuous Conversion
TABLE 5-2:
CONFIGURATION BITS FOR
READING
R/W
O/C
RDY
Operation
1
0
0
New conversion data in One-
Shot conversion mode has been
just read. The RDY bit remains
low until set by a new write
command.
1
0
1
One-Shot Conversion is in
progress, The conversion data is
not updated yet. The RDY bit
stays high.
1
1
0
New conversion data in Continu-
ous Conversion mode has been
just read. The RDY bit changes
to high after this read.
1
1
1
The conversion data in Continu-
ous Conversion mode was
already read. The latest conver-
sion data is not ready. The RDY
bit stays high until a new
conversion is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com