Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3425 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP3425
Description  16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3425 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP3425 Datasheet HTML 12Page - Microchip Technology MCP3425 Datasheet HTML 13Page - Microchip Technology MCP3425 Datasheet HTML 14Page - Microchip Technology MCP3425 Datasheet HTML 15Page - Microchip Technology MCP3425 Datasheet HTML 16Page - Microchip Technology MCP3425 Datasheet HTML 17Page - Microchip Technology MCP3425 Datasheet HTML 18Page - Microchip Technology MCP3425 Datasheet HTML 19Page - Microchip Technology MCP3425 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
MCP3425
DS22072A-page 16
© 2007 Microchip Technology Inc.
5.5
High-Speed (HS) Mode
The I2C specification requires that a high-speed mode
device must be ‘activated’ to operate in high-speed
mode. This is done by sending a special address byte
of 00001XXX following the START bit. The XXX bits are
unique to the High-Speed (HS) mode Master. This byte
is referred to as the High-Speed (HS) Master Mode
Code (HSMMC). The MCP3425 device does not
acknowledge this byte. However, upon receiving this
code, the MCP3425 switches on its HS mode filters
and communicates up to 3.4 MHz on SDA and SCL.
The device will switch out of the HS mode on the next
STOP condition.
For more information on the HS mode, or other I2C
modes, please refer to the Phillips I2C specification.
5.6
I2C Bus Characteristics
The I2C specification defines the following bus
protocol:
• Data transfer may be initiated only when the bus
is not busy.
• During data transfer, the data line must remain
stable whenever the clock line is HIGH. Changes
in the data line while the clock line is HIGH will be
interpreted as a START or STOP condition.
Accordingly, the following bus conditions have been
defined using Figure 5-5.
5.6.1
BUS NOT BUSY (A)
Both data and clock lines remain HIGH.
5.6.2
START DATA TRANSFER (B)
A HIGH to LOW transition of the SDA line while the
clock (SCL) is HIGH determines a START condition. All
commands must be preceded by a START condition.
5.6.3
STOP DATA TRANSFER (C)
A LOW to HIGH transition of the SDA line while the
clock (SCL) is HIGH determines a STOP condition. All
operations can be ended with a STOP condition.
5.6.4
DATA VALID (D)
The state of the data line represents valid data when,
after a START condition, the data line is stable for the
duration of the HIGH period of the clock signal.
The data on the line must be changed during the LOW
period of the clock signal. There is one clock pulse per
bit of data.
Each data transfer is initiated with a START condition
and terminated with a STOP condition.
5.6.5
ACKNOWLEDGE
The Master (microcontroller) and the slave (MCP3425)
use an acknowledge pulse as a hand shake of
communication for each byte. The ninth clock pulse of
each byte is used for the acknowledgement. The
acknowledgement is achieved by pulling-down the
SDA line “LOW” during the 9th clock pulse. The clock
pulse is always provided by the Master (microcontrol-
ler) and the acknowledgement is issued by the
receiving device of the byte (Note: The transmitting
device must release the SDA line (“HIGH”) during the
acknowledge
pulse.).
For
example,
the
slave
(MCP3425) issues the acknowledgement (bring down
the SDA line “LOW”) after the end of each receiving
byte, and the master (microcontroller) issues the
acknowledgement when it reads data from the Slave
(MCP3425).
When the MCP3425 is addressed, it generates an
acknowledge after receiving each byte successfully.
The Master device (microcontroller) must provide an
extra clock pulse (9th pulse of each byte) for the
acknowledgement from the MCP3425 (slave).
The MCP3425 (slave) pulls-down the SDA line during
the acknowledge clock pulse in such a way that the
SDA line is stable low during the high period of the
acknowledge clock pulse.
During
reads,
the
Master
(microcontroller)
can
terminate the current read operation by not providing
an acknowledge bit on the last byte that has been
clocked out from the MCP3425. In this case, the
MCP3425 releases the SDA line to allow the master
(microcontroller) to generate a STOP or repeated
START condition.
FIGURE 5-5:
Data Transfer Sequence on the Serial Bus.
SCL
SDA
(A)
(B)
(D)
(D)
(A)
(C)
START
CONDITION
ADDRESS OR
ACKNOWLEDGE
VALID
DATA
ALLOWED
TO CHANGE
STOP
CONDITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com