Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3425 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP3425
Description  16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3425 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP3425 Datasheet HTML 6Page - Microchip Technology MCP3425 Datasheet HTML 7Page - Microchip Technology MCP3425 Datasheet HTML 8Page - Microchip Technology MCP3425 Datasheet HTML 9Page - Microchip Technology MCP3425 Datasheet HTML 10Page - Microchip Technology MCP3425 Datasheet HTML 11Page - Microchip Technology MCP3425 Datasheet HTML 12Page - Microchip Technology MCP3425 Datasheet HTML 13Page - Microchip Technology MCP3425 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
MCP3425
DS22072A-page 10
© 2007 Microchip Technology Inc.
5.0
USING THE MCP3425 DEVICE
5.1
Operating Modes
The user operates the device by setting up the device
configuration register and reads the conversion data
using serial I2C interface commands. The MCP3425
operates in two modes: (a) Continuous Conversion
Mode or (b) One-Shot Conversion Mode (single
conversion). The selection is made by setting the O/C
bit in the Configuration Register. Refer to Section 5.2
“Configuration Register” for more information.
5.1.1
CONTINUOUS CONVERSION
MODE (O/C BIT = 1)
The
MCP3425
device
performs
a
Continuous
Conversion if the O/C bit is set to logic “high”. Once the
conversion is completed, the result is placed at the
output data register. The device immediately begins
another conversion and overwrites the output data
register with the most recent data.
The device also clears the data ready flag (RDY bit = 0)
when the conversion is completed. The device sets the
ready flag bit (RDY bit = 1), if the latest conversion
result has been read by the Master.
5.1.2
ONE-SHOT CONVERSION MODE
(O/C BIT = 0)
Once the One-Shot Conversion (single conversion)
Mode is selected, the device performs a conversion,
updates the Output Data register, clears the data ready
flag (RDY = 0), and then enters a low power standby
mode. A new One-Shot Conversion is started again
when the device receives a new write command with
RDY = 1.
This One-Shot Conversion Mode is recommended for
low power operating applications. During the low
current standby mode, the device consumes less than
1 µA typical. For example, if the device converts only
one time per second with 16 bit resolution, the total cur-
rent draw is only about one fourth of the draws in con-
tinuous mode. In this example, the device consumes
approximately 9.7 µA (= ~145 µA/15 SPS), if the
device performs only one conversion per second
(1 SPS) in 16-bit conversion mode with 3V power
supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com