Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC31-C-R3 Datasheet(PDF) 4 Page - Sensirion AG Switzerland

Part # STC31-C-R3
Description  Smart CO2 sensor based on thermal conductivity
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STC31-C-R3 Datasheet(HTML) 4 Page - Sensirion AG Switzerland

  STC31-C-R3 Datasheet HTML 1Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 2Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 3Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 4Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 5Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 6Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 7Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 8Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.sensirion.com / D1
Version 3.3 – November 2024
4 / 23
1.1.1 Total accuracy calculation:
Total typical accuracy = ±(Base Accuracy + cC * ΔC + cT * ΔT + cRH * ΔRH + cP * ΔP)
1.1.2 Example for accuracy calculation:
Product initialized and sensor FRC performed at conditions: 400 pm CO2 (0.04%), 20°C, 50%RH, 1000 mbar.
Sensor target conditions for measurement: 10 vol% CO2 in a cold (0°C) and dry (10% RH) environment with
possible elevation up to 2000 m and 800 mbar. Accuracy is calculated by assuming worst case scenarios for
each parameter:
Typical base accuracy:
0.2 vol%
= 0.2 vol%
additional concentration error: cC * ΔC
=
0.02 vol% * (10% – 0.04%)
= 0.2 vol%
additional temperature error:
cT * ΔT
=
0.02 vol% * (20 – 0)
= 0.4 vol%
additional RH error:
cRH * ΔRH =
0.01 vol% * (50% – 10%)
= 0.4 vol%
additional pressure error:
cP * ΔP
=
0.001 vol% * (1000 – 800)
= 0.2 vol%
Total typical accuracy = 0.2 + 0.2 + 0.4 + 0.4 + 0.2 = ±1.4 vol%
1.2 Low-noise measurement mode specifications
The following specifications for the low-noise measurement mode are adopted without change from the STC31
Datasheet V1.1 and are still valid for the new “C” version of the STC31-C.
The new standard low-cross-sensitivity measurement mode is the recommended mode for most applications;
however, the low-noise mode might offer some advantages in specific cases.
See also the revision notice in section 7 and unit of measurement in section 1.1.
Low-noise measurement mode
Parameter
Value
Calibrated for8
CO2 in N2 and CO2 in air9
Measurement range10
0 to 25 vol%
0 to 100 vol%
Span Accuracy11
0.5 vol% + 3% measured value
1 vol% + 3% measured value
Noise12
< 0.2 vol%
Temperature stability13
0.025 vol% / °C
Resolution
16 bit
Response time (τ63)
< 0.5 s
8
Specifications are only valid for these binary gas mixtures (air is interpreted as being one type of gas).
9
Air is defined as 78.1 vol% nitrogen, 21.0 vol% oxygen and 0.9 vol% argon.
10
Measurement mode and range can be chosen by setting the gas model as described in 3.3.2
11
Accuracy is defined after performing FRC at 0 vol% providing a correct temperature, humidity, and pressure
measurement. Consult sections 3.3.3, 3.3.4, 3.3.5 and 3.3.7. for detailed information. Fulfilled by 90% of sensors after
calibration.
12
Error given for the statistical 2σ range, i.e. 95% of consecutive measurements. Smoothing filters available on chip, see
Section 3.3.9.
13
Slope of CO2 accuracy tolerance after correct temperature compensation when changing temperature compared to the
temperature at which the FRC has been performed. Fulfilled by 90% of sensors after calibration. Valid for the temperature
range of 0 – 50°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com