Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC31-C-R3 Datasheet(PDF) 15 Page - Sensirion AG Switzerland

Part # STC31-C-R3
Description  Smart CO2 sensor based on thermal conductivity
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STC31-C-R3 Datasheet(HTML) 15 Page - Sensirion AG Switzerland

Back Button STC31-C-R3 Datasheet HTML 11Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 12Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 13Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 14Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 15Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 16Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 17Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 18Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 19Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
www.sensirion.com / D1
Version 3.3 – November 2024
15 / 23
3.3.13 Alternative FRC persistence
When using FRC, the read and write offset value commands can be used to persist only the offset value used
for FRC. All other settings, like the binary gas index must be set with the separate commands.
Command
Command code
(hex)
Consecutive read /
argument
Description
Read offset value
command
0x370A
16 bits
Returns a single value with the most
significant 16 bits of the offset value.
Write offset value
command
0x3608
16 bits
Expects the most significant 16 bits of
the offset value as an I2C command
argument.
Note that this is not suitable for ASC in combination with sleep mode, because the least significant bits of the
offset value are lost.
3.3.14 Sleep mode
In sleep mode the sensor uses the minimum amount of current. The mode can be entered when no other
command is running. This mode is particularly useful for battery operated devices.
Implement and test the Sensor state retention sequence as described in section 3.3.12 before implementing the
sleep sequence.
For the sensor state retention, a sleep mode is equivalent to a power cycle. Follow the procedure in section
3.3.13 to keep settings and FRC and ASC values.
Since the noise filter state is not part of the state retention it cannot be used in combination with the sleep
mode.
In sleep mode the sensor cannot be soft reset.
Command
Command code
(hex)
Consecutive
read
Description
Enter Sleep mode
0x3677
NA
The sleep command can be sent anytime,
whenever no other command is running.
Exit Sleep mode
NA
NA
The sensor exits the sleep mode when it
receives the valid I2C address and a write bit
(‘0’).
Note that the I2C address is not acknowledged.
It is possible to poll the sensor to see whether
the sensor has received the address and has
woken up. This takes maximum 12ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com