Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC31-C-R3 Datasheet(PDF) 12 Page - Sensirion AG Switzerland

Part # STC31-C-R3
Description  Smart CO2 sensor based on thermal conductivity
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STC31-C-R3 Datasheet(HTML) 12 Page - Sensirion AG Switzerland

Back Button STC31-C-R3 Datasheet HTML 8Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 9Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 10Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 11Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 12Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 13Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 14Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 15Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 16Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
www.sensirion.com / D1
Version 3.3 – November 2024
12 / 23
3.3.7 Forced recalibration (FRC)
Forced recalibration is used to improve the sensor output with a known reference value. The resulting
correction is only valid for the active measurement mode, binary gas and range. See the Design Guide for more
details.
If no argument is given, the sensor will assume a default value of 0 vol%. The FRC command takes the same
amount of time as the concentration measurement. The measurement rate should be the same during FRC and
normal measurement. The FRC correction is lost upon a power cycle and must be stored externally to be feed
back to the sensor upon restart (see section 3.3.12).
Command
Command code
(Hex)
Argument
Description
Forced recalibration 0x3661
Reference
concentration: 16bit
unsigned integer
The sensor output is changed to
correspond to the reference value given.
This command sequence needs to be closed off with a valid CRC byte for the 16-bit argument if CRC is not
disabled. In the case that the CRC byte does not match the argument, the sensor will respond with a NACK and
the forced recalibration is performed with the default reference concentration of 0%. In this case FRC must be
repeated.
3.3.8 Automatic self-calibration (ASC)
The sensor can run in automatic self-calibration mode. This mode will enhance the accuracy for applications
where the target gas is not present for most of the time. See the Design Guide for more details. This feature
can be enabled or disabled by using the commands as shown below. The default state is disabled.
Command
Command code
(hex)
Argument
Description
Enable automatic
self-calibration
0x3FEF
NA
The sensor will apply automatic self-calibration
Disable automatic
self-calibration
0x3F6E (default)
NA
The sensor will not apply automatic self-
calibration (default)
The automatic self-calibration is optimized for a gas concentration measurement interval of 1s. Substantially
different measurement intervals may decrease the self-calibration performance. The ASC correction is lost upon
a power cycle, reset, and sleep mode and must can be stored externally to be feed back to the sensor upon
restart (see section 3.3.12).
3.3.9 Configure noise filter
The STC31-C has two built-in noise filters that run an exponential smoothing over the past measurement
points.
Command
Command
code (hex)
Description
Enable weak filter
0x3FC8
Default is disabled. The weak filter has a smoothing factor
of 1/2.5. ������[������] = 0.6 ∗ ������[������ − 1] + 0.4 ∗ ������
Disable weak filter
0x3F49
Enable strong filter
0x3FD5
Default is disabled. The strong filter has a smoothing factor
of 1/7.5. ������[������] = 0.867 ∗ ������[������ − 1] + 0.133 ∗ ������
Disable strong filter
0x3F54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com