Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC31-C-R3 Datasheet(PDF) 1 Page - Sensirion AG Switzerland

Part # STC31-C-R3
Description  Smart CO2 sensor based on thermal conductivity
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STC31-C-R3 Datasheet(HTML) 1 Page - Sensirion AG Switzerland

  STC31-C-R3 Datasheet HTML 1Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 2Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 3Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 4Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 5Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 6Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 7Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 8Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.sensirion.com / D1
Version 3.3 – November 2024
1 / 23
Datasheet – STC31-C
Smart CO2 sensor based on thermal conductivity
Highlights
•
Digital and calibrated output of gas
concentration and temperature
•
Long-term stable measurement
•
Low power
•
Low-cross-sensitivity to humidity and oxygen
concentration changes
The STC31-C sensor is a thermal conductivity gas concentration sensor designed for high-volume applications.
The STC31-C utilizes a revolutionary thermal conductivity measurement principle, which results in superior
repeatability and long-term stability.
The outstanding performance of these sensors is based on Sensirion’s patented CMOSens® sensor technology,
which combines the sensor element, signal processing and digital calibration on a small CMOS chip. The well-
proven CMOS technology is perfectly suited for high-quality mass production and is the ideal choice for
demanding and cost-sensitive OEM applications.
With the introduction of the STC31-C as successor of the STC31, the low-cross-sensitivity measurement mode
has been introduced. It provides low-cross-sensitivity to humidity and oxygen concentration changes.
The STC31-C is fully backward compatible to the STC31. See notice at the end of the document.
Device Overview
Product
Details
STC31-C
SMD Component on Reel
Evalkit
STC31-C + SHT40 on Flex PCB
SCAN ME to give feedback and help
us to improve this document.
—Thank you!


Similar Part No. - STC31-C-R3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
Battery monitor IC with Coulomb counter/gas gauge
27-Jan-2009
STC3100IQT STMICROELECTRONICS-STC3100IQT Datasheet
292Kb / 21P
Battery monitor IC with Coulomb counter/gas gauge
27-Jan-2009
STC3100IST STMICROELECTRONICS-STC3100IST Datasheet
292Kb / 21P
Battery monitor IC with Coulomb counter/gas gauge
27-Jan-2009
STC3105 STMICROELECTRONICS-STC3105 Datasheet
326Kb / 23P
Battery monitor IC with alarm output for gas gauge applications
07-Sep-2011
STC3105IQT STMICROELECTRONICS-STC3105IQT Datasheet
326Kb / 23P
Battery monitor IC with alarm output for gas gauge applications
07-Sep-2011
More results

Similar Description - STC31-C-R3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG811 ETC2-MG811 Datasheet
97Kb / 2P
CO2 Sensor
logo
Fuji Electric
EDS3-61H FUJI-EDS3-61H Datasheet
74Kb / 4P
THERMAL CONDUCTIVITY GAS ANALYZER THERMOMAT
EDS3-127C FUJI-EDS3-127C Datasheet
127Kb / 8P
THERMAL CONDUCTIVITY GAS ANALYZER
logo
List of Unclassifed Man...
GP-3500ULM ETC2-GP-3500ULM Datasheet
368Kb / 2P
Thermal Conductivity: 3.5 W/m-K
logo
Zhengzhou Winsen Electr...
MG-812 WINSEN-MG-812 Datasheet
534Kb / 6P
Low Power-Consumption CO2 Sensor
MH-Z19C WINSEN-MH-Z19C Datasheet
1Mb / 7P
Infrared CO2 Sensor Module
logo
STMicroelectronics
STEVAL-IOD04KT1 STMICROELECTRONICS-STEVAL-IOD04KT1 Datasheet
2Mb / 10P
Industrial smart sensor kit based on L6364W dual IO-Link device transceiver
December 2021
logo
NXP Semiconductors
CLRD730 NXP-CLRD730_V01 Datasheet
3Mb / 35P
Pegoda Smart Card Reader based on PN7642
Rev. 3.1 - 31 August 2023
CLRD730 NXP-CLRD730_V02 Datasheet
3Mb / 37P
Pegoda smart card reader based on PN7642
Rev. 3.2 - 6 November 2023
logo
Endress+Hauser Group Se...
CLS19 EH-CLS19 Datasheet
493Kb / 8P
Conductivity sensor
2021-09-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com