Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC31-C-R3 Datasheet(PDF) 10 Page - Sensirion AG Switzerland

Part # STC31-C-R3
Description  Smart CO2 sensor based on thermal conductivity
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STC31-C-R3 Datasheet(HTML) 10 Page - Sensirion AG Switzerland

Back Button STC31-C-R3 Datasheet HTML 6Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 7Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 8Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 9Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 10Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 11Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 12Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 13Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 14Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.sensirion.com / D1
Version 3.3 – November 2024
10 / 23
3.3.3 Set relative humidity
Accurate concentration measurement requires compensation of humidity because the measurement principle
of the concentration measurement is dependent on the humidity of the gas. The new low-cross-sensitivity
mode reduces this sensitivity by smart internal compensation to a minimum. If possible, it is still recommended
to compensate for relative humidity with the SHT4x and to update the compensation input whenever the
relative humidity changes significantly (see Engineering Guide).
Command
Command
code (Hex)
Argument
Description
Set relative
humidity
0x3624
Relative Humidity: 16bit
unsigned integer
For relative humidity
scaling, see section 3.5.3.
When no value is written to the sensor after a
soft reset, wake-up or power-up, a relative
humidity of 0% is assumed.
The value written to the sensor is used until a
new value is written to the sensor.
This command sequence needs to be closed off with a valid CRC byte for the 16-bit argument if the CRC is not
disabled.
When the CRC byte does not match the argument, the sensor will respond with a NACK. The sensor will omit
the command and will use the previous value, or when no value was written, assume a relative humidity of 0%.
3.3.4 Set temperature
Accurate concentration measurement requires a compensation of temperature. It is recommended to use the
temperature value of the SHT4x, because it is more accurate. When no value has been written since start-up,
the sensor uses the internal temperature signal. The temperature compensation input must be updated
whenever the temperature changes significantly (see Design Guide).
Command
Command
code (hex)
Argument
Description
Set temperature
0x361E
Temperature: 16bit
signed integer
(two's complement
number)
For temperature scaling,
see section 3.5.2.
When no value is written to the sensor after a
soft reset, wake-up or power-up, the internal
temperature signal is used.
The value written to the sensor is used until a
new value is written to the sensor.
This command sequence needs to be closed off with a valid CRC byte for the 16-bit argument if the CRC is not
disabled.
When the CRC byte does not match the argument, the sensor will respond with a NACK. The sensor will omit
the command and will use the previous value, or when no value was written, the internal temperature signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com