Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC31-C-R3 Datasheet(PDF) 17 Page - Sensirion AG Switzerland

Part # STC31-C-R3
Description  Smart CO2 sensor based on thermal conductivity
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STC31-C-R3 Datasheet(HTML) 17 Page - Sensirion AG Switzerland

Back Button STC31-C-R3 Datasheet HTML 13Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 14Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 15Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 16Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 17Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 18Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 19Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 20Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 21Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
www.sensirion.com / D1
Version 3.3 – November 2024
17 / 23
3.5 Conversion to physical values
3.5.1 Gas concentration
The digital calibrated gas concentration signal read from the sensor is an unsigned integer number. The integer
value can be converted to the physical value by the following conversion formula.
������������������������������������������������������������������������������ [������������������ %] =
������������������3������ ������������������������������������−214
215
× 100
Example: 32000 => 47.7% volume concentration for the selected gas.
3.5.2 Temperature
The digital calibrated temperature signal read from or written to the sensor is a signed integer number (two's
complement number). The integer value can be converted to the physical value by the following conversion
formula.
������������������������������������������������������������������ [°������] =
������������������3������ ������������������������������������ ������������ ������������������������������
200
Example: 2500 => 12.5°C
3.5.3 Relative humidity
The relative humidity value written to the sensor is an unsigned integer number. The integer value can be
converted to the physical value by the following conversion formula.
������������������������������������������������ ������������������������������������������������ [%] =
������������������3������ ������������������������������ × 100
216 − 1
Example: 65535 => 100% relative humidity
3.5.4 Pressure
The pressure value written to the sensor is an unsigned integer number. The integer value can be converted to
the physical value by the following conversion formula.
������������������������������������������������ [������������������������] = ������������������3������ ������������������������������
Example 1023 => 1023 mbar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com