Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC31-C-R3 Datasheet(PDF) 9 Page - Sensirion AG Switzerland

Part # STC31-C-R3
Description  Smart CO2 sensor based on thermal conductivity
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STC31-C-R3 Datasheet(HTML) 9 Page - Sensirion AG Switzerland

Back Button STC31-C-R3 Datasheet HTML 5Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 6Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 7Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 8Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 9Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 10Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 11Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 12Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 13Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.sensirion.com / D1
Version 3.3 – November 2024
9 / 23
3.3.2 Set measurement mode and binary gas
The STC31-C measures the concentration of binary gas mixtures. It is important to note that the STC31-C is
not selective for gases, and it assumes that the binary gas is set correctly. The sensor can only give a correct
concentration value when only the gases set with this command are present.
Standard measurement modes (low-cross-sensitivity):
Set binary gas
Range of
CO2
Command code
(hex)
Argument
(hex)
Output of measurement command (see 3.3.6)
CO2 in N2
0 to 100
vol%
0x3615
0x0010
CO2 concentration
between 0 to 100 vol% in N2
CO2 in air
0x0011
CO2 concentration
between 0 to 100 vol% in air
CO2 in N2
0 to 40 vol%
0x0012
CO2 concentration
between 0 to 40 vol% in N2
CO2 in air
0x0013
CO2 concentration
between 0 to 40 vol% in air
Low-noise measurement modes:
Set binary gas
Range of
CO2
Command code
(hex)
Argument
(hex)
Output of measurement command (see 3.3.6)
CO2 in N2
0 to 100
vol%
0x3615
0x0000
CO2 concentration
between 0 to 100 vol% in N2
CO2 in air
0x0001
CO2 concentration
between 0 to 100 vol% in air
CO2 in N2
0 to 25 vol%
0x0002
CO2 concentration
between 0 to 25 vol% in N2
CO2 in air
0x0003
CO2 concentration
between 0 to 25 vol% in air
The command sequence needs to be closed off with a valid CRC byte for the 16-bit argument if the CRC is not
disabled. When the CRC byte does not match the argument, the sensor will respond with a NACK and no gas
will be selected.
When the system is reset or wakes up from sleep mode, no binary gas is selected (default). This means that the
binary gas must be reconfigured.
When no binary gas is selected (default), the consecutive read after a “measure gas concentration” command
will return a NACK. This allows to detect unexpected sensor interruption (e.g., due to temporary power loss).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com