Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA111AP Datasheet(PDF) 3 Page - Texas Instruments

Part # INA111AP
Description  High Speed FET-Input INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA111AP Datasheet(HTML) 3 Page - Texas Instruments

  INA111AP Datasheet HTML 1Page - Texas Instruments INA111AP Datasheet HTML 2Page - Texas Instruments INA111AP Datasheet HTML 3Page - Texas Instruments INA111AP Datasheet HTML 4Page - Texas Instruments INA111AP Datasheet HTML 5Page - Texas Instruments INA111AP Datasheet HTML 6Page - Texas Instruments INA111AP Datasheet HTML 7Page - Texas Instruments INA111AP Datasheet HTML 8Page - Texas Instruments INA111AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
®
INA111
3
PIN CONFIGURATIONS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
Top View
DIP
Top View
SOL-16 Surface Mount
NC
R
G
NC
V
–
IN
V
+
IN
NC
V–
NC
NC
R
G
NC
V+
Feedback
V
O
Ref
NC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
R
G
V
–
IN
V
+
IN
V–
R
G
V+
V
O
Ref
1
2
3
4
8
7
6
5
ORDERING INFORMATION
PRODUCT
PACKAGE
TEMPERATURE RANGE
INA111AP
8-Pin Plastic DIP
–40
°C to +85°C
INA111BP
8-Pin Plastic DIP
–40
°C to +85°C
INA111AU
SOL-16 Surface-Mount
–40
°C to +85°C
INA111BU
SOL-16 Surface-Mount
–40
°C to +85°C
Supply Voltage ..................................................................................
±18V
Input Voltage Range .......................................... (V–) –0.7V to (V+) +15V
Output Short-Circuit (to ground) .............................................. Continuous
Operating Temperature ................................................. –40
°C to +125°C
Storage Temperature ..................................................... –40
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: Stresses above these ratings may cause permanent damage.
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
INA111AP
8-Pin Plastic DIP
006
INA111BP
8-Pin Plastic DIP
006
INA111AU
16-Pin Surface Mount
211
INA111BU
16-Pin Surface Mount
211
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com