Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA111AP Datasheet(PDF) 10 Page - Texas Instruments

Part # INA111AP
Description  High Speed FET-Input INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA111AP Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA111AP Datasheet HTML 6Page - Texas Instruments INA111AP Datasheet HTML 7Page - Texas Instruments INA111AP Datasheet HTML 8Page - Texas Instruments INA111AP Datasheet HTML 9Page - Texas Instruments INA111AP Datasheet HTML 10Page - Texas Instruments INA111AP Datasheet HTML 11Page - Texas Instruments INA111AP Datasheet HTML 12Page - Texas Instruments INA111AP Datasheet HTML 13Page - Texas Instruments INA111AP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
®
INA111
10
FIGURE 7. Bridge Transducer Amplifier.
mismatched values, causes a high frequency common-mode
signal to be converted to a differential signal. This degrades
common-mode rejection. The differential input capacitor,
C3, reduces the bandwidth and mitigates the effects of
mismatch in C1 and C2. Make C3 much larger than C1 and
C2. If properly matched, C1 and C2 also improve CMR.
OUTPUT VOLTAGE SENSE
(SOL-16 Package Only)
The surface-mount version of the INA111 has a separate
output sense feedback connection (pin 12). Pin 12 must be
connected, usually to the output terminal, pin 11, for proper
operation. (This connection is made internally on the DIP
version of the INA111.)
The output feedback connection can be used to sense the
output voltage directly at the load for best accuracy. Figure 8
shows how to drive a load through series interconnection
resistance. Remotely located feedback paths may cause
instability. This can be generally be eliminated with a high
frequency feedback path through C1.
FIGURE 6. Input Low-Pass Filter.
FIGURE 8. Remote Load and Ground Sensing.
INA111
R
G
100
Ω
V
O
+10V
Bridge
G = 500
Ref
INA111
V
O
V
IN
–
V
IN
+
R
1
R
2
C
3
C
1
C
2
R
1 = R2
C
1 = C2
C
3 ≈ 10C1
Ref
INA111
R
G
V
IN
–
V
IN
+
Load
Equal resistance here preserves
good common-mode rejection.
C
1
1000pF
Feedback
Ref
Surface-mount package
version only.
FIGURE 9. High-Pass Input Filter.
INA111
C
1
C
2
R
1
R
2
V
O
2
πR
1C1
1
f
c =
NOTE: To preserve good low frequency CMR,
make R
1 = R2 and C1 = C2.
R
G
Ref
f
−3dB =
1
4
π R
1
C
3 +
C
1
2


FIGURE 10. Galvanically Isolated Instrumentation
Amplifier.
INA111
ISO122
±6V to ±18V
Isolated Power
±15V
Ref
V
IN
–
V
IN
+
V
O
Isolated
Common
V+
V–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com