Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA111AP Datasheet(PDF) 1 Page - Texas Instruments

Part # INA111AP
Description  High Speed FET-Input INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA111AP Datasheet(HTML) 1 Page - Texas Instruments

  INA111AP Datasheet HTML 1Page - Texas Instruments INA111AP Datasheet HTML 2Page - Texas Instruments INA111AP Datasheet HTML 3Page - Texas Instruments INA111AP Datasheet HTML 4Page - Texas Instruments INA111AP Datasheet HTML 5Page - Texas Instruments INA111AP Datasheet HTML 6Page - Texas Instruments INA111AP Datasheet HTML 7Page - Texas Instruments INA111AP Datasheet HTML 8Page - Texas Instruments INA111AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
®
INA111
1
©1992 Burr-Brown Corporation
PDS-1143E
Printed in U.S.A. March, 1998
INA111
A
1
A
2
A
3
(12)
(11)
6
(10)
10k
Ω
10k
Ω
25k
Ω
25k
Ω
10k
Ω
10k
Ω
(13)
7
(7)
4
(5)
3
(15)
8
(2)
1
(4)
2
V
IN
V
IN
R
G
V+
V–
INA111
DIP
(SOIC)
Ref
Feedback
V
O
G = 1 +
50k
Ω
R
G
–
+
5
DIP Connected
Internally
High Speed FET-Input
INSTRUMENTATION AMPLIFIER
FEATURES
q FET INPUT: I
B = 20pA max
q HIGH SPEED: T
S = 4µs (G = 100, 0.01%)
q LOW OFFSET VOLTAGE: 500
µV max
q LOW OFFSET VOLTAGE DRIFT:
5
µV/°C max
q HIGH COMMON-MODE REJECTION:
106dB min
q 8-PIN PLASTIC DIP, SOL-16 SOIC
APPLICATIONS
q MEDICAL INSTRUMENTATION
q DATA ACQUISITION
DESCRIPTION
The INA111 is a high speed, FET-input instrumenta-
tion amplifier offering excellent performance.
The INA111 uses a current-feedback topology provid-
ing extended bandwidth (2MHz at G = 10) and fast
settling time (4
µs to 0.01% at G = 100). A single
external resistor sets any gain from 1 to over 1000.
Offset voltage and drift are laser trimmed for excellent
DC accuracy. The INA111’s FET inputs reduce input
bias current to under 20pA, simplifying input filtering
and limiting circuitry.
The INA111 is available in 8-pin plastic DIP, and
SOL-16 surface-mount packages, specified for the
–40
°C to +85°C temperature range.
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
INA111
INA111
SBOS015


Similar Part No. - INA111AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA111AP BURR-BROWN-INA111AP Datasheet
245Kb / 11P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA111AP BURR-BROWN-INA111AP Datasheet
241Kb / 14P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA111APG4 BURR-BROWN-INA111APG4 Datasheet
241Kb / 14P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA111AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA110 BURR-BROWN-INA110 Datasheet
148Kb / 11P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA121 BURR-BROWN-INA121 Datasheet
220Kb / 12P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
PGA206 BURR-BROWN-PGA206 Datasheet
246Kb / 10P
High-Speed Programmable Gain INSTRUMENTATION AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0033 MSK-MSK0033 Datasheet
587Kb / 6P
FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
Burr-Brown (TI)
INA111 BURR-BROWN-INA111_07 Datasheet
241Kb / 14P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8220 AD-AD8220_15 Datasheet
530Kb / 28P
JFET Input Instrumentation Amplifier
REV. B
logo
Linear Technology
LT1102 LINER-LT1102_15 Datasheet
192Kb / 12P
High Speed, Precision, JFET Input Instrumentation Amplifier
logo
Texas Instruments
INA110 TI1-INA110 Datasheet
595Kb / 21P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA121 TI1-INA121 Datasheet
884Kb / 20P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com