Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA111AP Datasheet(PDF) 4 Page - Texas Instruments

Part # INA111AP
Description  High Speed FET-Input INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA111AP Datasheet(HTML) 4 Page - Texas Instruments

  INA111AP Datasheet HTML 1Page - Texas Instruments INA111AP Datasheet HTML 2Page - Texas Instruments INA111AP Datasheet HTML 3Page - Texas Instruments INA111AP Datasheet HTML 4Page - Texas Instruments INA111AP Datasheet HTML 5Page - Texas Instruments INA111AP Datasheet HTML 6Page - Texas Instruments INA111AP Datasheet HTML 7Page - Texas Instruments INA111AP Datasheet HTML 8Page - Texas Instruments INA111AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
®
INA111
4
SETTLING TIME vs GAIN
100
10
1
1
10
100
1000
Gain (V/V)
0.01%
0.1%
POWER SUPPLY REJECTION vs FREQUENCY
Frequency (Hz)
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
G = 1k
G = 100
G = 10
G = 1
INPUT COMMON-MODE VOLTAGE RANGE
vs OUTPUT VOLTAGE
Output Voltage (V)
–15
–10
0
5
15
–5
15
10
5
0
–5
–10
–15
10
Limited
by A1
+ Output
Swing
A
3 – Output
Swing Limit
A
3 + Output
Swing Limit
Limited
by A
2
– Output
Swing
Limited
by
A 1
– Output
Swing
Limited
by A
2
+ Output
Swing
VD/2
–
+
–
+
V
CM
V
O
(Any Gain)
VD/2
COMMON-MODE REJECTION vs FREQUENCY
Frequency (Hz)
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
G = 1k
G = 100
G = 10
G = 1
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, unless otherwise noted.
GAIN vs FREQUENCY
Frequency (Hz)
10k
1k
100
10
1
0.1
1k
10k
100k
1M
10M
G = 1k
G = 100
G = 10
G = 1
INPUT-REFERRED NOISE VOLTAGE vs FREQUENCY
Frequency (Hz)
1k
100
10
1
1
10
100
1k
10k
G = 1
G = 10
G = 100, 1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com