Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA111AP Datasheet(PDF) 7 Page - Texas Instruments

Part # INA111AP
Description  High Speed FET-Input INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA111AP Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA111AP Datasheet HTML 3Page - Texas Instruments INA111AP Datasheet HTML 4Page - Texas Instruments INA111AP Datasheet HTML 5Page - Texas Instruments INA111AP Datasheet HTML 6Page - Texas Instruments INA111AP Datasheet HTML 7Page - Texas Instruments INA111AP Datasheet HTML 8Page - Texas Instruments INA111AP Datasheet HTML 9Page - Texas Instruments INA111AP Datasheet HTML 10Page - Texas Instruments INA111AP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
®
INA111
7
APPLICATION INFORMATION
Figure 1 shows the basic connections required for operation
of the INA111. Applications with noisy or high impedance
power supplies may require decoupling capacitors close to
the device pins as shown.
The output is referred to the output reference (Ref) terminal
which is normally grounded. This must be a low-impedance
connection to assure good common-mode rejection. A resis-
tance of 2
Ω in series with the Ref pin will cause a typical
device with 90dB CMR to degrade to approximately 80dB
CMR (G = 1).
SETTING THE GAIN
Gain of the INA111 is set by connecting a single external
resistor, RG:
Commonly used gains and resistor values are shown in
Figure 1.
The 50k
Ω term in equation 1 comes from the sum of the two
internal feedback resistors. These are on-chip metal film
resistors which are laser trimmed to accurate absolute val-
ues. The accuracy and temperature coefficient of these
resistors are included in the gain accuracy and drift specifi-
cations of the INA111.
The stability and temperature drift of the external gain
setting resistor, RG, also affects gain. RG’s contribution to
gain accuracy and drift can be directly inferred from the gain
equation (1). Low resistor values required for high gain can
make wiring resistance important. Sockets add to the wiring
resistance, which will contribute additional gain error (pos-
sibly an unstable gain error) in gains of approximately 100
or greater.
DYNAMIC PERFORMANCE
The typical performance curve “Gain vs Frequency” shows
that the INA111 achieves wide bandwidth over a wide range
of gain. This is due to the current-feedback topology of the
INA111. Settling time also remains excellent over wide
gains.
FIGURE 1. Basic Connections
DESIRED
R
G
NEAREST 1% R
G
GAIN
(
Ω)(Ω)
1
No Connection
No Connection
2
50.00k
49.9k
5
12.50k
12.4k
10
5.556k
5.62k
20
2.632k
2.61k
50
1.02k
1.02k
100
505.1
511
200
251.3
249
500
100.2
100
1000
50.05
49.9
2000
25.01
24.9
5000
10.00
10
10000
5.001
4.99
G
= 1 + 50kΩ
R
G
(1)
A
1
A
2
A
3
6
10k
Ω
10k
Ω
10k
Ω
10k
Ω
7
4
3
8
1
2
V
IN
V
IN
R
G
V+
V–
INA111
G = 1 +
50k
Ω
R
G
–
+
5
25k
Ω
25k
Ω
Load
V
O = G • (VIN – VIN)
+
–
0.1µF
0.1µF
Pin numbers are
for DIP package.
+
–
V
O
INA111
R
G
Also drawn in simplified form:
V
O
Ref
V
IN
–
V
IN
+
Ref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com