Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA111AP Datasheet(PDF) 9 Page - Texas Instruments

Part # INA111AP
Description  High Speed FET-Input INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA111AP Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA111AP Datasheet HTML 5Page - Texas Instruments INA111AP Datasheet HTML 6Page - Texas Instruments INA111AP Datasheet HTML 7Page - Texas Instruments INA111AP Datasheet HTML 8Page - Texas Instruments INA111AP Datasheet HTML 9Page - Texas Instruments INA111AP Datasheet HTML 10Page - Texas Instruments INA111AP Datasheet HTML 11Page - Texas Instruments INA111AP Datasheet HTML 12Page - Texas Instruments INA111AP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
®
INA111
9
A combination of common-mode and differential input
voltage can cause the output of A1 or A2 to saturate. Figure
4 shows the output voltage swing of A1 and A2 expressed in
terms of a common-mode and differential input voltages.
For applications where input common-mode range must be
maximized, limit the output voltage swing by connecting the
INA111 in a lower gain (see performance curve “Input
Common-Mode Voltage Range vs Output Voltage”). If
necessary, add gain after the INA111 to increase the voltage
swing.
Input-overload often produces an output voltage that appears
normal. For example, consider an input voltage of +14V on
one input and +15V on the other input will obviously exceed
the linear common-mode range of both input amplifiers.
Since both input amplifiers are saturated to the nearly the
same output voltage limit, the difference voltage measured
by the output amplifier will be near zero. The output of the
INA111 will be near 0V even though both inputs are
overloaded.
INPUT PROTECTION
Inputs of the INA111 are protected for input voltages from
0.7V below the negative supply to 15V above the positive
power supply voltages. If the input current is limited to less
than 1mA, clamp diodes are not required; internal junctions
will clamp the input voltage to safe levels. If the input source
can supply more than 1mA, use external clamp diodes as
shown in Figure 5. The source current can be limited with
series resistors R1 and R2 as shown. Resistor values greater
than 10k
Ω will contribute noise to the circuit.
A diode formed with a 2N4117A transistor as shown in
Figure 5 assures low leakage. Common signal diodes such as
the 1N4148 may have leakage currents far greater than the
input bias current of the INA111 and are usually sensitive to
light.
INPUT FILTERING
The INA111’s FET input allows use of an R/C input filter
without creating large offsets due to input bias current.
Figure 6 shows proper implementation of this input filter to
preserve the INA111’s excellent high frequency common-
mode rejection. Mismatch of the common-mode input ca-
pacitance (C1 and C2), either from stray capacitance or
FIGURE 5. Input Protection Voltage Clamp.
FIGURE 4. Voltage Swing of A
1 and A2.
INA111
V
O
V+
V+
V
IN
–
V
IN
+
D
1
D
3
D
2
D
4
Diodes:
=
2N4117A
1pA Leakage
R
G
R
1
R
2
A
1
A
2
A
3
10k
Ω
10k
Ω
10k
Ω
10k
Ω
R
G
V+
V–
INA111
V
O = G • VD
G = 1 +
50k
Ω
R
G
25k
Ω
25k
Ω
V
CM –
G • V
D
2
V
D
2
V
D
2
V
CM
V
CM +
G • V
D
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com