Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA111AP Datasheet(PDF) 5 Page - Texas Instruments

Part # INA111AP
Description  High Speed FET-Input INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA111AP Datasheet(HTML) 5 Page - Texas Instruments

  INA111AP Datasheet HTML 1Page - Texas Instruments INA111AP Datasheet HTML 2Page - Texas Instruments INA111AP Datasheet HTML 3Page - Texas Instruments INA111AP Datasheet HTML 4Page - Texas Instruments INA111AP Datasheet HTML 5Page - Texas Instruments INA111AP Datasheet HTML 6Page - Texas Instruments INA111AP Datasheet HTML 7Page - Texas Instruments INA111AP Datasheet HTML 8Page - Texas Instruments INA111AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
®
INA111
5
OUTPUT CURRENT LIMIT vs TEMPERATURE
50
40
30
20
10
0
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
–I
CL
+I
CL
MAXIMUM OUTPUT VOLTAGE SWING vs FREQUENCY
30
25
20
15
10
5
0
1k
10k
100k
1M
10M
Frequency (Hz)
–15.7V
+15.7V
INPUT BIAS CURRENT
vs COMMON-MODE INPUT VOLTAGE
Common-Mode Voltage (V)
–10m
–1m
–100µ
–10µ
+1p
+10p
–20
–15
–10
–5
0
5
10
15
20
G = 100
G = 10
G = 1k
G = 1
G = 1
G = 100
G = 10
G = 1k
+15.7V
–15.7V
INPUT BIAS CURRENT
vs DIFFERENTIAL INPUT VOLTAGE
–10m
–1m
–100µ
–10µ
+1p
+10p
+100p
–20
–15
–10
–5
0
5
10
15
20
Differential Overload Voltage (V)
NOTE: One input grounded.
OFFSET VOLTAGE WARM-UP vs TIME
75
50
25
0
–25
–50
–75
G = 1
300
200
100
0
–100
–200
–300
Time From Power Supply Turn-On (Minutes)
01
234
5
G
≥ 10
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, unless otherwise noted.
INPUT BIAS CURRENT vs TEMPERATURE
10n
1n
100p
10p
1p
0.1p
0.01p
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
I
OS
I
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com