Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS1037A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CJS1037A
Description  USB extension control chip CH315G USB signal isolation control chip CH315H
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CJS1037A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CJS1037A Datasheet HTML 1Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 2Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 3Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 4Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 5Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
The DataSheet of CH315 (the first)
2
● automatically detect USB Full-Speed or USB Low-Speed, CH315H offer USB transfer status indication.
● the same chip can be configured as upstream mode and downstream mode, connect to USB-Host and
USB-Device.
● the downstream mode can automatically detect USB device connection and removal, the upstream mode
can automatically simulate USB device connection and removal.
● set impedance matching serial resistor of USB signal, pull-up resistor of USB device port, pull-down
resistor of USB host port.
● set PLL and 12MHz USB clock internal, no need crystal or crystal resonator, the peripheral circuit is
simply.
● set USB signal extension circuit in the CH315G, support category 5 or category 5 unshielded twisted-pair
super, the transfer distance is no less than 75m of 12Mbps full-speed USB signal, the transfer distance is no
less than 300m of 1.5Mbps.
● set current driven circuit of photic coupler in CH315H, support the low-cost 6N137, the photic coupler can
not influenced by electromagnetism.
● only hardware project, real time of USB protocol, no need other drive program, support Windows
98/ME/2000/XP/Vista/Server200X/64bit-Vista and Linux.
● set 3.3V power manostat in the internal. Support 5V power (default) and 3.3V power.
● CH315G adopt SOP-14 lead-free package, CH315H adopt SOP-18 lead-free package, compatible with
RoHS.
3. Package
Package shape Width of plastic
Pitch of pin
Instruction of package
Ordering type
SOP-14
3.9mm 150mil 1.27mm 50mil
Small outline package of 14-pin
CH315G
SOP-18
7.62mm 300mil 1.27mm 50mil
Small outline package of 18-pin
CH315H
4. Pins
CH315G
Pin No.
CH315H
Pin No.
Pin
Name
Pin Type
Pin Description
3,9
13,16
VCC
POWER
Positive power input port, requires an external 0.1uF
power decoupling capacitance
2,6
8,17,18
GND
POWER
Public ground, ground connection for USB
14
3
V3
POWER
Attachment of VCC input external power while
3.3V;connects of 0.01uF decoupling capacitance outside
while 5V
13
1
UD+
USB signal
Directly connect to USB bus D+ data bus



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com