Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS1037A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CJS1037A
Description  USB extension control chip CH315G USB signal isolation control chip CH315H
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CJS1037A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CJS1037A Datasheet HTML 1Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 2Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 3Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 4Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 5Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The DataSheet of CH315 (the first)
3
5. Function
CH315 can direct use USB power. When using 5V power, V3 pin must connect with about 0.01uF
decoupling capacitance. When using 3.3V power, V3 must connect with VCC, and input the outside 3.3V
power.
CH315G using category 5 or category 5 unshielded twisted-pair super (net wire) or USB signal wire
and similar difference signal twisted-pair. If the characteristic impedance is not matching, need to parallel
connect resistor to ground of output port XD+/XD-.
The transfer distance of CH315G is relative with transfer wire quality. When using common net wire,
the transfer distance is no less than 300m of low-speed USB signal, the transfer distance is no less than 75m
of full-speed USB signal. The current resistor of common net wire is less than 10Ω/100m. If the current
resistor is too big, it will influence on transfer distance, and influence on USB supply power, upgrade ground
power of device port.
The transfer distance of CH315G has relative with USB host time characteristics of computer chip
groups. For full-speed USB signal, the trip acknowledge time of electron in transfer wire does not pass
computer waiting time (several ns), so the transfer distance is limited.
The ACT# is USB transfer current status output of CH315H, connect with LED to indicate USB
12
2
UD-
USB signal
Directly connect to USB bus D- data bus
1
No
REF
Consult
power
Consult power of internal simulate circuit, require an
resistor and decoupling capacitance
5
No
XD+
Simulate
signal
Directly connect to difference extension wire positive port
4
No
XD-
Simulate
signal
Directly connect to difference extension wire negative
port
No
14
OPIP
IN
Separate transfer P signal input, connect with photic
coupler or magnetism coupler P logic output port
No
15
OPIN
IN
Separate transfer N signal input, connect with photic
coupler or magnetism coupler N logic output port
No
6
OPOP
OUT
Separate transfer P signal output, connect with photic
coupler or magnetism coupler P control input port
No
7
OPON
OUT
Separate transfer N signal output, connect with photic
coupler or magnetism coupler N control input port
No
5
LSO#
OUT
USB transfer speed automatically check the result ouput.
Low-level is USB low-speed 1.5Mbps, high-level is USB
full-speed 12Mbps
No
4
LSI#
IN
USB transfer speed select input,
Low-level is USB-low speed 1.5Mbps, high-level is USB
full-speed 12Mbps.
10
12
UP#
IN
Mode select input, with pull-up resistor,
Low-level is upstream mode, high-level is downstream
mode
No
11
ACT#
Drain open
OUT
USB transfer status output, active with low-level, with
pull-up resistor
7,8,9
9,10
NC.
Un-connect
Forbid to connect



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com