Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS1037A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CJS1037A
Description  USB extension control chip CH315G USB signal isolation control chip CH315H
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CJS1037A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CJS1037A Datasheet HTML 1Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 2Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 3Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 4Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 5Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
The DataSheet of CH315 (the first)
4
transfer.
CH315H support the common type 6N137 single channel high-speed photic coupler (need four) or the
type is HCPL-2630,2631,0630,0631 double channels (only need two). The isolate power is determined by
photic coupler, the typical isolate power is 5000V of 6N137. CH315H also support magnetism coupler,
recommended to use photic coupler, not influenced by the electromagnetism. In order to support 12Mbps
USB full-speed signal, the transfer speed is more than 10Mbps of photic coupler or magnetism coupler.
CH315 is hardware project of USB signal extension and USB signal electric isolation, compatible with
the relative criterion, completely transparent to the USB protocol. For the CH315, no need any drive, but the
USB device may need to install driver, the method is the same with the no isolation. The common USB
Flash Drive, keyboard, mice and other USB device may no need driver.
CH315 can automatically detect USB full-speed and USB low-speed, support plug and play,
automatically detect and simulate the USB device connect and disconnect. CH315G can be used to produce
active USB extension cable, extension USB transmission distance, signal acquisition and on-line remote
control; CH315G can be used to produce optical isolator USB signals and reduce signal interference,
improve signal acquisition accuracy.
6. Parameter
6.1. Absolute maximum rating (Stresses above those listed can cause permanent damage to the device.
Exposure to maximum rated conditions can affect device operation and reliability.)
Name
Parameter note
Min.
Max.
Units
TA
Ambient operating temperature
-40
85
℃
TS
Storage temperature
-55
125
℃
VCC
Voltage source (VCC connects to power, GND to ground)
-0.5
6.0
V
VIO
The voltage of input or output pin
-0.5
VCC+0.5
V
6.2. Electrical parameter (test conditions: TA=25℃, VCC=5V, excluding pin connection of USB bus)
Name
Note of parameter
Min.
Typ.
Max.
Unit
s
VCC
Power voltage
3.2
5
5.3
V
ICCs
Static source current
2
5
mA
ICCa
Source current when working
20
50
mA
VIL
Input Voltage LOW OPIN/N
-0.5
0.8
V
VIH
Input Voltage HIGH OPIP/N
2.0
VCC+0.5
V
VOL
Output Voltage LOW (draw 8mA current) OPOP/N
0.5
V
VOH
Output Voltage HIGH (output 8mA current) OPOP/N
VCC-0.5
V
IUPup
Input current in UP# pin with internal pull-up resistor
3
150
300
uA
IUPact
Input current in ACT# pin with internal pull-up resistor
100
230
400
uA
Lfs
Extension distance of full-speed USB signal
75
m
Lls
Extension distance of low-speed USB signal
300
m
7. Application
7.1. Active USB extension cable (following image)
The following USB extension cable is composed by two groups CH315G circuit.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com