Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS1037A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CJS1037A
Description  USB extension control chip CH315G USB signal isolation control chip CH315H
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CJS1037A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  CJS1037A Datasheet HTML 1Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 2Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 3Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 4Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 5Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
The DataSheet of CH315 (the first)
6
The upstream contains U1, P1 etc. the up port P1 is used to connect to computer or other USB-Host, U1
etc upstream circuit share power with computer or USB host through P1, at least public ground.
The downstream contains U2, P2 etc, the down port P2 is used to connect to USB-Device, such as USB
keyboard, USB mice, USB Flash Drive, USB data acquisition box, USB controller etc. USB device, U2 etc.
downstream circuit share power with USB device, at least public ground.
There is one group signal isolator circuit between upstream U1 and downstream U2, select magnetic or
optical isolation. The image id optical isolation, the signal isolation is composed by O1+O2 and O3+O4 two
pairs of photic coupler and associated resistance R1~R8, capacitor C7~C10. The type of photic coupler can
select single channel 6N137 or double channels HCPL2631 etc. high-speed photic coupler may require
decoupling capacitors between power pin and ground pin, the figure is not drawn). Used in 12Mbps
full-speed USB signal, need to consider the speed and the speed symmetry, influence on signal slow-moving
and balance, recommended to select the transmission rate is greater than 10Mbit, and adjust the R1/C7,
R2/C8, R5/C9, R6/C10, to optimize the output signal between rising edge and falling edge.
L1 indicates the USB data transfer in progress. The capacitance of C1 and C4 is from 4700pF to 0.02uF,
for Ch315H decoupling the internal power node, C2 and C5 has a capacity of 0.1uF, for Ch315H chip power
supply decoupling.
When designing the PCB, pay much attention to some notes: decoupling capacitors C1, C2, C4 and C5
connect to the pin as close as possible CH315H, makes sure D+ and D- are parallel, and supply ground net or
pour copper beside them to decrease the disturbance from outside signal.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com