Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS1037A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CJS1037A
Description  USB extension control chip CH315G USB signal isolation control chip CH315H
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CJS1037A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CJS1037A Datasheet HTML 1Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 2Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 3Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 4Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 5Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The DataSheet of CH315 (the first)
1
USB extension control chip CH315G
USB signal isolation control chip CH315H
DataSheet
Version:1A
http://wch.cn
http://wch-ic.com
1. Introduction
CH315G is USB extension control chip, used for USB signal real time transmit and extend transfer
distance.
CH315H is USB signals isolation control chip, used for USB bus optical isolator or magnetic isolator.
CH315 supports full-speed and low-speed transfer, support USB device dynamic insert and remove.
The following is application image.
2. Features
● supports 12Mbps full-speed and 1.5Mbps low-speed USB transfer, compatible with USB 2.0.
● supports USB control transfer, bulk transfer, interrupt transfer, synchronous/isochronous transfer.
Photic coupler
isolator
Magnetic
coupler
isolator
Power
USB
PC
Or other
USB
Host
CH315H
Upstream
UP#=GND
CH315H
Downstream
UP#=VCC
USB keyboard
USB mice
USB Flash
Drive /Flash
disk
USB printer
USB collection
box
USB controller
USB
Power
Power
USB
PC
Or other
USB
Host
CH315G
Upstream
UP#=GND
CH315G
Downstream
UP#=VCC
USB keyboard
USB mice
USB Flash
Drive /Flash
disk
USB printer
USB collection
box
USB controller
USB
Long distance
Signal transfer
Full-speed 75m
Low-speed 300m
Power
Power


Similar Part No. - CJS1037A

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CJS101000DB AAC-CJS101000DB Datasheet
163Kb / 1P
THICK FILM RESISTORS - Gold Terminal, Anti-Sulfuration SMD Resistors
CJS101000DM AAC-CJS101000DM Datasheet
163Kb / 1P
THICK FILM RESISTORS - Gold Terminal, Anti-Sulfuration SMD Resistors
CJS101000FB AAC-CJS101000FB Datasheet
163Kb / 1P
THICK FILM RESISTORS - Gold Terminal, Anti-Sulfuration SMD Resistors
CJS101000FM AAC-CJS101000FM Datasheet
163Kb / 1P
THICK FILM RESISTORS - Gold Terminal, Anti-Sulfuration SMD Resistors
CJS101000GB AAC-CJS101000GB Datasheet
163Kb / 1P
THICK FILM RESISTORS - Gold Terminal, Anti-Sulfuration SMD Resistors
More results

Similar Description - CJS1037A

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2525 ALLEGRO-2525 Datasheet
201Kb / 12P
USB POWER CONTROL SWITCHES
logo
Impala Linear Corporati...
ILC7526 IMPALA-ILC7526 Datasheet
62Kb / 6P
USB DUAL CONTROL SWITCHES
logo
Linear Dimensions Semic...
LND3526 LINEAR_DIMENSIONS-LND3526 Datasheet
183Kb / 7P
DUAL USB POWER CONTROL SWITCH
logo
Champion Microelectroni...
CM2026 CHAMP-CM2026 Datasheet
262Kb / 7P
DUAL USB POWER CONTROL SWITCH
logo
Nanjing Qinheng Microel...
CH315 WCH-CH315 Datasheet
130Kb / 5P
USB Extended line control chip
logo
SHENZHEN FUMAN ELECTRON...
FM6600B FUMAN-FM6600B Datasheet
276Kb / 8P
USB charging interface intelligent control chip
FM6808 FUMAN-FM6808 Datasheet
672Kb / 8P
USB charging interface intelligent control chip
logo
Nanjing Qinheng Microel...
CH3170 WCH-CH3170 Datasheet
72Kb / 2P
USB 2.0 extension control chip
CH9340 WCH-CH9340 Datasheet
121Kb / 4P
USB Chip
CH9344 WCH-CH9344 Datasheet
74Kb / 3P
USB Chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com