Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS1037A Datasheet (PDF) - List of Unclassifed Manufacturers

CJS1037A Datasheet PDF - List of Unclassifed Manufacturers
Part # CJS1037A
Download  CJS1037A Download
File Size   130.94 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description USB extension control chip CH315G USB signal isolation control chip CH315H

CJS1037A Datasheet (PDF)

Go To PDF Page Download Datasheet
CJS1037A Datasheet PDF - List of Unclassifed Manufacturers

Part # CJS1037A
Download  CJS1037A Click to download

File Size   130.94 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description USB extension control chip CH315G USB signal isolation control chip CH315H

CJS1037A Datasheet (HTML) - List of Unclassifed Manufacturers


CJS1037A Product details

2. Features
● supports 12Mbps full-speed and 1.5Mbps low-speed USB transfer, compatible with USB 2.0.
● supports USB control transfer, bulk transfer, interrupt transfer, synchronous/isochronous transfer.
● automatically detect USB Full-Speed or USB Low-Speed, CH315H offer USB transfer status indication.
● the same chip can be configured as upstream mode and downstream mode, connect to USB-Host and
USB-Device.
● the downstream mode can automatically detect USB device connection and removal, the upstream mode
can automatically simulate USB device connection and removal.
● set impedance matching serial resistor of USB signal, pull-up resistor of USB device port, pull-down
resistor of USB host port.
● set PLL and 12MHz USB clock internal, no need crystal or crystal resonator, the peripheral circuit is
simply.
● set USB signal extension circuit in the CH315G, support category 5 or category 5 unshielded twisted-pair
super, the transfer distance is no less than 75m of 12Mbps full-speed USB signal, the transfer distance is no
less than 300m of 1.5Mbps.
● set current driven circuit of photic coupler in CH315H, support the low-cost 6N137, the photic coupler can
not influenced by electromagnetism.
● only hardware project, real time of USB protocol, no need other drive program, support Windows
98/ME/2000/XP/Vista/Server200X/64bit-Vista and Linux.
● set 3.3V power manostat in the internal. Support 5V power (default) and 3.3V power.
● CH315G adopt SOP-14 lead-free package, CH315H adopt SOP-18 lead-free package, compatible with
RoHS.




Similar Part No. - CJS1037A

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CJS101000DB AAC-CJS101000DB Datasheet
163Kb / 1P
THICK FILM RESISTORS - Gold Terminal, Anti-Sulfuration SMD Resistors
CJS101000DM AAC-CJS101000DM Datasheet
163Kb / 1P
THICK FILM RESISTORS - Gold Terminal, Anti-Sulfuration SMD Resistors
CJS101000FB AAC-CJS101000FB Datasheet
163Kb / 1P
THICK FILM RESISTORS - Gold Terminal, Anti-Sulfuration SMD Resistors
CJS101000FM AAC-CJS101000FM Datasheet
163Kb / 1P
THICK FILM RESISTORS - Gold Terminal, Anti-Sulfuration SMD Resistors
CJS101000GB AAC-CJS101000GB Datasheet
163Kb / 1P
THICK FILM RESISTORS - Gold Terminal, Anti-Sulfuration SMD Resistors
More results


Similar Description - CJS1037A

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2525 ALLEGRO-2525 Datasheet
201Kb / 12P
USB POWER CONTROL SWITCHES
logo
Impala Linear Corporati...
ILC7526 IMPALA-ILC7526 Datasheet
62Kb / 6P
USB DUAL CONTROL SWITCHES
logo
Linear Dimensions Semic...
LND3526 LINEAR_DIMENSIONS-LND3526 Datasheet
183Kb / 7P
DUAL USB POWER CONTROL SWITCH
logo
Champion Microelectroni...
CM2026 CHAMP-CM2026 Datasheet
262Kb / 7P
DUAL USB POWER CONTROL SWITCH
logo
Nanjing Qinheng Microel...
CH315 WCH-CH315 Datasheet
130Kb / 5P
USB Extended line control chip
logo
SHENZHEN FUMAN ELECTRON...
FM6600B FUMAN-FM6600B Datasheet
276Kb / 8P
USB charging interface intelligent control chip
FM6808 FUMAN-FM6808 Datasheet
672Kb / 8P
USB charging interface intelligent control chip
logo
Nanjing Qinheng Microel...
CH3170 WCH-CH3170 Datasheet
72Kb / 2P
USB 2.0 extension control chip
CH9340 WCH-CH9340 Datasheet
121Kb / 4P
USB Chip
CH9344 WCH-CH9344 Datasheet
74Kb / 3P
USB Chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com