Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS1037A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CJS1037A
Description  USB extension control chip CH315G USB signal isolation control chip CH315H
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CJS1037A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CJS1037A Datasheet HTML 1Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 2Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 3Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 4Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 5Page - List of Unclassifed Manufacturers CJS1037A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
The DataSheet of CH315 (the first)
5
The upstream contains U3, P3 etc. the up port P3 is used to connect to computer or other USB-Host, U3
etc upstream circuit share power with computer or USB host through P3, at least public ground.
The downstream contains U4, P4 etc, the down port P4 is used to connect to USB-Device, such as USB
keyboard, USB mice, USB Flash Drive, USB data acquisition box, USB controller etc. USB device, U4 etc.
downstream circuit share power with USB device, at least public ground.
There is one group electrical wire between upstream U3 and downstream U4, using common network
cable (category 5 or category 5 unshielded twisted-pair super) connection. The cable included XD+ and XD-
two differential signaling lines and at least one public ground. If there are remaining signal lines, it can also
be used an additional ground wire and power wire.
For the normal eight core cable, please consult to the figure RJ45: two differential signal lines, four
ground wires, two power wires. The power wire can offer +5V source to USB device port, but impact by the
network cable DC resistance of the voltage drop, especially when the USB device draws more current, the
USB device port of the actual supply voltage is usually less than 5V, and even individual USB device may be
unable to work, then need to provide independent power for the downstream.
The capacitance of C11, C12, C14, C15 is from 4700pF to 0.02uF, used to decoupling of internal power.
C13 and C16 is 0.1uF, used to decoupling of power of CH315. C17 is decoupling of the USB device on P4
port. R11 and R12 are used to adjust the internal consult power.
USB port contains P3 and P4, USB bus contain one pair of 5V power wire and one pair of data signal.
Usually, +5V power wire is red, the ground wire is black, D+ signal wire is green, D- signal wire is white.
When designing the PCB, pay much attention to some notes: C11, C12, C13, C14, C15 and C16
connected to the pin as close as possible CH315G, makes sure D+ and D- are parallel, XD+ and XD- are
parallel, and supply ground net or pour copper beside them to decrease the disturbance from outside signal.
7.2. USB signal isolator (following image)
The following USB isolator is composed by two groups CH315H circuit.
LSI# pin directly connect to LSO# pin in CH315H, automatically detect USB speed. In actual, if need
to support certain speed, such as, support low-speed USB keyboard, make LSI# as low-level.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com