Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA271-HT Datasheet(PDF) 2 Page - Texas Instruments

Part # INA271-HT
Description  VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA271-HT Datasheet(HTML) 2 Page - Texas Instruments

  INA271-HT Datasheet HTML 1Page - Texas Instruments INA271-HT Datasheet HTML 2Page - Texas Instruments INA271-HT Datasheet HTML 3Page - Texas Instruments INA271-HT Datasheet HTML 4Page - Texas Instruments INA271-HT Datasheet HTML 5Page - Texas Instruments INA271-HT Datasheet HTML 6Page - Texas Instruments INA271-HT Datasheet HTML 7Page - Texas Instruments INA271-HT Datasheet HTML 8Page - Texas Instruments INA271-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
IN-
GND
PRE OUT
BUF IN
OUT
V+
NC
IN+
1
2
3
4
5
6
7
8
½
½
762.3
m
m
40.5
m
m
40.5
m
m
0.0
INA271-HT
SBOS521D – SEPTEMBER 2010 – REVISED AUGUST 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
BARE DIE INFORMATION
BACKSIDE
BOND PAD
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
POTENTIAL
METALLIZATION COMPOSITION
THICKNESS
11 mils.
Silicon with backgrind
GND
Al-Cu (0.5%)
598 nm
Table 1. Bond Pad Coordinates in Microns
DISCRIPTION
PAD NUMBER
X min
Y min
X max
Y max
IN-
1
64.35
1012.41
139.41
1087.47
GND
2
61.83
648.81
136.89
723.87
PRE OUT
3
61.83
520.29
136.89
595.35
BUF IN
4
70.92
152.37
145.98
227.43
OUT
5
616.32
152.37
691.38
227.43
V+
6
621.99
386.55
697.05
461.61
NC
7
622.44
648.81
697.5
723.87
IN+
8
622.89
1012.41
697.95
1087.47
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: INA271-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com