Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA271-HT Datasheet(PDF) 5 Page - Texas Instruments

Part # INA271-HT
Description  VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA271-HT Datasheet(HTML) 5 Page - Texas Instruments

  INA271-HT Datasheet HTML 1Page - Texas Instruments INA271-HT Datasheet HTML 2Page - Texas Instruments INA271-HT Datasheet HTML 3Page - Texas Instruments INA271-HT Datasheet HTML 4Page - Texas Instruments INA271-HT Datasheet HTML 5Page - Texas Instruments INA271-HT Datasheet HTML 6Page - Texas Instruments INA271-HT Datasheet HTML 7Page - Texas Instruments INA271-HT Datasheet HTML 8Page - Texas Instruments INA271-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
0
1
10
100
1000
110
130
150
170
190
210
230
Continuous T
J - °C
Electromigration Fail Mode
INA271-HT
www.ti.com
SBOS521D – SEPTEMBER 2010 – REVISED AUGUST 2013
ELECTRICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +5V, VCM = +12V, VSENSE = 100mV, and PRE OUT connected to BUF IN, unless otherwise noted.
TA = –55°C to 125°C
TA = –55°C to 175°C
TA = 210°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
NOISE < RTI(7)
Voltage Noise
en
40
40
nV/
√Hz
Density
POWER SUPPLY
Operating Range
VS
2.7
18
2.7
18
V
VOUT = 2V
740
1200
1160
1600
Quiescent Current
IQ
μA
VSENSE = 0mV
350
950
895
1600
TEMPERATURE RANGE
Specified Temperature Range
–55
125
–55
210
°C
Operating Temperature Range
–55
125
–55
210
°C
(7)
RTI means Referred-to-Input.
(1)
See datasheet for absolute maximum and minimum recommended operating conditions.
(2)
Silicon operating life design goal is 10 years at 105°C junction temperature (does not include package interconnect
life).
Figure 1. INA271SKGD1/INA271SKGD2/INA271SHKJ/INA271SHKQ Operating Life Derating Chart
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: INA271-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com