Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA271-HT Datasheet(PDF) 12 Page - Texas Instruments

Part # INA271-HT
Description  VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA271-HT Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA271-HT Datasheet HTML 8Page - Texas Instruments INA271-HT Datasheet HTML 9Page - Texas Instruments INA271-HT Datasheet HTML 10Page - Texas Instruments INA271-HT Datasheet HTML 11Page - Texas Instruments INA271-HT Datasheet HTML 12Page - Texas Instruments INA271-HT Datasheet HTML 13Page - Texas Instruments INA271-HT Datasheet HTML 14Page - Texas Instruments INA271-HT Datasheet HTML 15Page - Texas Instruments INA271-HT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
0.48
0.44
0.40
0.36
0.32
0.28
0.24
0.20
0.16
0.12
0.08
0.04
0
0
2
4
6
8
10
12
14
16
18
20
22
V
(mV)
SENSE
24
INA271V
OUT Limit
(1)
V
CM2
V
CM1
V
CM3
V
CM4
V
,V
CM2
CM3
CM4
,andV
illustratethevariance
fromparttopartoftheV
thatcancause
CM
maximumV
withV
<20mV.
OUT
SENSE
V
limitatV
=0mV,
OUT
SENSE
0
V
£
CM1
S
£ V
NOTE:(1)INA271V
Limit=0.4V.INA270V
Limit=0.28V.
OUT
OUT
Ideal
INA271-HT
SBOS521D – SEPTEMBER 2010 – REVISED AUGUST 2013
www.ti.com
Low VSENSE Case 2: VSENSE < 20mV, 0V ≤ VCM ≤ VS
SHUTDOWN
This region of operation is the least accurate for the
The INA271 does not provide a shutdown pin;
INA271. To achieve the wide input common-mode
however, because it consumes a quiescent current
voltage range, this device uses two op amp front
less than 1mA, it can be powered by either the output
ends in parallel. One op amp front end operates in
of logic gates or by transistor switches to supply
the positive input common-mode voltage range, and
power. Driving the gate low shuts down the INA271.
the other in the negative input region. For this case,
Use a totem-pole output buffer or gate that can
neither of these two internal amplifiers dominates and
provide sufficient drive along with 0.1
μF bypass
overall loop gain is very low. Within this region, VOUT
capacitor,
preferably
ceramic
with
good
high-
approaches voltages close to linear operation levels
frequency characteristics. This gate should have a
for Normal Case 2.
supply voltage of 3V or greater because the INA271
requires a minimum supply greater than 2.7V. In
This deviation from linear operation becomes greatest
addition to eliminating quiescent current, this gate
the closer VSENSE approaches 0V. Within this region,
also turns off the 10
μA bias current present at each
as VSENSE approaches 20mV, device operation is
of the inputs. Note that the IN+ and IN– inputs are
closer to that described by Normal Case 2. Figure 19
able to withstand full common-mode voltage under all
illustrates this behavior for the INA271. The VOUT
powered and under-powered conditions. An example
maximum peak for this case is determined by
shutdown circuit is illustrated in Figure 20.
maintaining a constant VS, setting VSENSE = 0mV, and
sweeping VCM from 0V to VS. The exact VCM at which
RFI/EMI
VOUT peaks during this case varies from part to part.
The maximum peak voltage for the INA271 is 0.4V.
Attention
to
good
layout
practices
is
always
recommended.
Keep
traces
short
and,
when
possible, use a printed circuit board (PCB) ground
plane with surface-mount components placed as
close to the device pins as possible. Small ceramic
capacitors placed directly across amplifier inputs can
reduce RFI/EMI sensitivity. PCB layout should locate
the amplifier as far away as possible from RFI
sources. Sources can include other components in
the same system as the amplifier itself, such as
inductors (particularly switched inductors handling a
lot of current and at high frequencies). RFI can
generally be identified as a variation in offset voltage
or dc signal levels with changes in the interfering RF
signal. If the amplifier cannot be located away from
sources of radiation, shielding may be needed.
Twisting wire input leads makes them more resistant
to RF fields. The difference in input pin location of the
INA271 versus the INA193–INA198 may provide
different EMI performance.
Figure 19. Example for Low VSENSE Case 2
(Gain = 20)
12
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: INA271-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com