Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA271-HT Datasheet(PDF) 13 Page - Texas Instruments

Part # INA271-HT
Description  VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA271-HT Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA271-HT Datasheet HTML 9Page - Texas Instruments INA271-HT Datasheet HTML 10Page - Texas Instruments INA271-HT Datasheet HTML 11Page - Texas Instruments INA271-HT Datasheet HTML 12Page - Texas Instruments INA271-HT Datasheet HTML 13Page - Texas Instruments INA271-HT Datasheet HTML 14Page - Texas Instruments INA271-HT Datasheet HTML 15Page - Texas Instruments INA271-HT Datasheet HTML 16Page - Texas Instruments INA271-HT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
R
S
0.1mF
V+ > 3V
Load
-16V to +80V
Supply
Negative
and
Positive
Common-Mode
Voltage
I
L
A1
A2
Single-Pole Filter
Capacitor
5kW
5kW
96kW
R
L
PRE OUT
BUF IN
GND
OUT
IN-
IN+
V+
INA271
74HC04
INA271-HT
www.ti.com
SBOS521D – SEPTEMBER 2010 – REVISED AUGUST 2013
(1)
74HC04 is not tested or characterized at 210°C.
Figure 20. INA271 Example Shutdown Circuit
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: INA271-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com