Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA271-HT Datasheet(PDF) 9 Page - Texas Instruments

Part # INA271-HT
Description  VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA271-HT Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA271-HT Datasheet HTML 5Page - Texas Instruments INA271-HT Datasheet HTML 6Page - Texas Instruments INA271-HT Datasheet HTML 7Page - Texas Instruments INA271-HT Datasheet HTML 8Page - Texas Instruments INA271-HT Datasheet HTML 9Page - Texas Instruments INA271-HT Datasheet HTML 10Page - Texas Instruments INA271-HT Datasheet HTML 11Page - Texas Instruments INA271-HT Datasheet HTML 12Page - Texas Instruments INA271-HT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
A1
A2
Single-Pole Filter
Capacitor
+2.7V to +18V
5kW
5kW
96kW
RL
PRE OUT
BUF IN
GND
OUT
IN-
IN+
V+
Load
-16V to +80V
Supply
R
S
INA271
0.01mF
0.1mF
INA271-HT
www.ti.com
SBOS521D – SEPTEMBER 2010 – REVISED AUGUST 2013
APPLICATIONS INFORMATION
BASIC CONNECTION
POWER SUPPLY
Figure 16 shows the basic connection of the IINA271.
The input circuitry of the INA271 can accurately
The input pins, IN+ and IN–, should be connected as
measure beyond its power-supply voltage, V+. For
closely as possible to the shunt resistor to minimize
example, the V+ power supply can be 5V, whereas
any resistance in series with the shunt resistance.
the load power-supply voltage is up to +80V. The
output voltage range of the OUT terminal, however, is
Power-supply bypass capacitors are required for
limited by the voltages on the power-supply pin.
stability. Applications with noisy or high-impedance
power supplies may require additional decoupling
SELECTING RS
capacitors to reject power-supply noise. Minimum
bypass capacitors of 0.01
μF and 0.1μF in value
The value chosen for the shunt resistor, RS, depends
should be placed close to the supply pins. Although
on the application and is a compromise between
not
mandatory,
an
additional
10mF
electrolytic
small-signal accuracy and maximum permissible
capacitor placed in parallel with the other bypass
voltage loss in the measurement line. High values of
capacitors
may
be
useful
in
applications
with
RS provide better accuracy at lower currents by
particularly noisy supplies.
minimizing the effects of offset, while low values of
RS minimize voltage loss in the supply line. For most
applications, best performance is attained with an RS
value that provides a full-scale shunt voltage range of
50mV to 100mV. Maximum input voltage for accurate
measurements is (VS – 0.2)/Gain.
Figure 16. INA271 Basic Connections
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: INA271-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com