Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA271-HT Datasheet(PDF) 3 Page - Texas Instruments

Part # INA271-HT
Description  VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA271-HT Datasheet(HTML) 3 Page - Texas Instruments

  INA271-HT Datasheet HTML 1Page - Texas Instruments INA271-HT Datasheet HTML 2Page - Texas Instruments INA271-HT Datasheet HTML 3Page - Texas Instruments INA271-HT Datasheet HTML 4Page - Texas Instruments INA271-HT Datasheet HTML 5Page - Texas Instruments INA271-HT Datasheet HTML 6Page - Texas Instruments INA271-HT Datasheet HTML 7Page - Texas Instruments INA271-HT Datasheet HTML 8Page - Texas Instruments INA271-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
1
2
3
4
8
7
6
5
IN+
NC
V+
OUT
IN-
GND
PRE OUT
BUF IN
INA271
AHD OR HKJ PACKAGE
(TOP VIEW)
NC denotes no internal connection
8
5
4
1
HKQ as formed or HKJ mounted dead bug
HKQ PACKAGE
(TOP VIEW)
IN-
GND
PRE OUT
BUF IN
IN+
NC
V+
OUT
INA271-HT
www.ti.com
SBOS521D – SEPTEMBER 2010 – REVISED AUGUST 2013
PIN CONFIGURATION
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55°C to 175°C
AHD
INA271AHD
INA271AHD
INA271SKGD1
KGD (bare die)
NA
INA271SKGD2
–55°C to 210°C
HKJ
INA271SHKJ
INA271SHKJ
HKQ
INA271SHKQ
INA271SHKQ
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
ABSOLUTE MAXIMUM RATINGS
(1)
UNIT
Supply Voltage (VS)
+18
V
Analog Inputs, VIN+, VIN–:
Differential, (VIN+) – (VIN–)
–18 to +18
V
Common-Mode
–16 to +80
V
Analog Output:
OUT and PRE OUT Pins
GND – 0.3 to (V+) + 0.3
V
Input Current Into Any Pin
5
mA
Operating Temperature
–55 to +210
°C
Storage Temperature
–65 to +210
°C
Junction Temperature
+210
°C
ESD Ratings:
Human Body Model
3000
V
Charged-Device Model
750
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
THERMAL CHARACTERISTICS FOR HKJ OR HKQ PACKAGE
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
to ceramic side of case
5.7
θJC
Junction-to-case thermal resistance
°C/W
to top of case lid (metal side of case)
13.7
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: INA271-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com