Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA271-HT Datasheet(PDF) 4 Page - Texas Instruments

Part # INA271-HT
Description  VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA271-HT Datasheet(HTML) 4 Page - Texas Instruments

  INA271-HT Datasheet HTML 1Page - Texas Instruments INA271-HT Datasheet HTML 2Page - Texas Instruments INA271-HT Datasheet HTML 3Page - Texas Instruments INA271-HT Datasheet HTML 4Page - Texas Instruments INA271-HT Datasheet HTML 5Page - Texas Instruments INA271-HT Datasheet HTML 6Page - Texas Instruments INA271-HT Datasheet HTML 7Page - Texas Instruments INA271-HT Datasheet HTML 8Page - Texas Instruments INA271-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
INA271-HT
SBOS521D – SEPTEMBER 2010 – REVISED AUGUST 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VS = +5V, VCM = +12V, VSENSE = 100mV, and PRE OUT connected to BUF IN, unless otherwise noted.
TA = –55°C to 125°C
TA = –55°C to 175°C
TA = 210°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
INPUT
Full-Scale Input
(VS –
(VS –
VSENSE
VSENSE = (VIN+) + (VIN–)
0.15
0.15
V
Voltage
0.2)/Gain
0.2)/Gain
Common-Mode
VCM
–16
80
–16
80
V
Input Range
VIN+ = –16V to +80V
80
120
70
78
Common-Mode
CMRR
dB
Rejection Ratio
VIN+ = +12V to +80V
100
120
81
89
Offset Voltage,
VOS
±0.6
±3
±5
±10
mV
RTI(1)
vs Temperature
dVOS/dT
3.3
20
42
100
μV/°C
VS = +2.7V to +18V,
vs Power-Supply
PSR
5
100
130
320
μV/V
VCM = +18V
Input Bias Current,
IB
±8
±16
±16
±25
μA
VIN– Pin
PRE OUT Output Impedance(2)
96
96
k
Ω
Buffer Input Bias Current
–50
–50
nA
Buffer Input Bias Current
±0.03
±0.03
nA/°C
Temperature Coefficient
OUTPUT (VSENSE ≥ 20mV)
(3)
Gain: INA271 Total
G
20
20
V/V
Gain
Output Buffer Gain
GBUF
2
2
V/V
Total Gain Error
VSENSE = 20mV to 100mV
±0.2
±2
±1
±7.5
%
vs Temperature
50
300
ppm/°C
Total Output Error(4)
±1
±3
±4.6
±11.5
%
Nonlinearity Error
VSENSE = 20mV to 100mV
±0.002
±0.002
%
Output Impedance
RO
1.5
1.5
Ω
Maximum Capacitive Load
No Sustained Oscillation
10
10
nF
VOLTAGE OUTPUT(5)
RL = 10kΩ to GND
(V+) –
(V+) –
(V+) –
(V+) –
Swing to V+ Power-Supply Rail
V
0.05
0.2
0.13
0.2
VGND +
VGND +
VGND +
VGND +
Swing to GND(6)
V
0.003
0.05
0.22
0.42
FREQUENCY
RESPONSE
Bandwidth
BW
CLOAD = 5pF
130
130
kHz
Phase Margin
CLOAD < 10nF
40
40
degrees
Slew Rate
SR
1
1
V/
μs
Settling Time (1%)
tS
VSENSE = 10mV to 100mVPP,
2
2
μs
CLOAD = 5pF
(1)
RTI means Referred-to-Input.
(2)
Initial resistor variation is ±30% with an additional –2200ppm/°C temperature coefficient.
(3)
For output behavior when VSENSE < 20mV, see the Application Information section Accuracy Variations as A Result of VSENSE and
Common-Mode Voltage.
(4)
Total output error includes effects of gain error and VOS.
(5)
See typical characteristic curve Output Swing vs Output Current and Application Information section Accuracy Variations as A Result of
VSENSE and Common-Mode Voltage.
(6)
Ensured by design; not production tested.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: INA271-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com