Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48520TL/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM48520TL/NOPB
Description  LM48520 Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48520TL/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM48520TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 12Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 13Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 14Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 15Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 16Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 17Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
-4
200 Ps
-3
-2
-1
0
1
2
3
4
No Clipping
With Soft
Clipping
LM48520, LM48520TLBD
SNAS367C – FEBRUARY 2008 – REVISED APRIL 2013
www.ti.com
the input traces to prevent the noise from injecting into the input.
4. The power supply bypass capacitors, Cs1 and Cs2 should be placed as close to the LM48520 device as
possible.
GROUNDING GUIDELINES
There are three grounds on the LM48520, GND, SW_GND, and PGND. When laying out the PCB, it is critical to
connect the grounds as close to the device as possible. The simplest way to do that is to place vias close to the
GND, SW_GND, and PGND bumps and connect the GND, SW_GND, and PGND vias using a single ground
plane in an inner layer of the PCB.
Output Speaker Protection Function
The LM48520’s output voltage limiter can be used to set a minimum and maximum output voltage swing
magnitude. The voltage applied to the VLimit pin controls the limit on the output voltage level. The output level is
determined by the following equation:
Vout clipped = 8/3 * (PV1 — 2 * Vlimit)
(13)
where:
Vout clipped = the desired output level measured in Vpk
PV1 = Boost output voltage
Vlimit is the voltage applied the the Vlimit pin on the LM48520
or
Vout clipped = 1/2 * (PV1 — 3/8 * Vout clipped)
(14)
To disable the limiter, set Vlimit = 0V.
Figure 22 provides an example of how the output voltage limiter functions with VDD = 3.3V, AV = 6dB, PV1 = 5V,
Vlimit = 2V, RL = 8Ω, VIN = 2VP.
Figure 22. Soft Clipping vs No Clipping
Revision History
Rev
Date
Description
1.0
02/27/08
Initial release.
1.01
03/07/08
Added the Soft clipping vs No clipping curve.
1.02
03/12/08
Text edits.
C
04/05/13
Changed layout of National Data Sheet to TI format.
14
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM48520 LM48520TLBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com