Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48520TL/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM48520TL/NOPB
Description  LM48520 Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48520TL/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM48520TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LM48520, LM48520TLBD
www.ti.com
SNAS367C – FEBRUARY 2008 – REVISED APRIL 2013
Pin Descriptions
Pin Designator
Pin Name
Pin Function
A1
VDD
Power Supply
Regulator Feedback Input. Connect BstFB to an external resistive voltage divider to
A2
BstFB
set the boost output voltage.
A3
Soft Start
Soft start capacitor
A4
SW_GND
Booster ground
A5
SW
Drain of the Internal FET switch
B1
INR+
Non-inverting right channel input
B2
INR-
Inverting right channel input
B3
FB_GND
Ground return for R1, R2 resistor divider
B4
INL-
Inverting left channel input
B5
INL+
Non-inverting left channel input
C1
V1
Amplifier supply voltage. Connect to PV1.
C2
BstSD
Regulator active low shutdown
C3
GND
Ground
C4
Gain0
Gain setting input 0
C5
PV1
Amplifier H-bridge power supply. Connect to V1.
D1
AmpSD
Amplifier active low shutdown
D2
OUTR+
Non-inverting right channel output
D3
NC
No connect
D4
OUTL+
Non-inverting left channel output
D5
Gain1
Gain setting input 1
E1
VLimit
Set to control output clipping level
E2
OUTR-
Inverting right channel output
E3
PGND
Power ground
E4
OUTL-
Inverting left channel output
E5
NC
No connect
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VDD, V1)
6V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD + 0.3V
Power Dissipation (3)
Internally limited
ESD Susceptibility (4)
2000V
ESD Susceptibility (5)
200V
Junction Temperature
150°C
Thermal Resistance
θJA (YZR0025AAA)
40.5 °C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX − TA) / θJA or the given in Absolute Maximum Ratings, whichever is
lower.
(4)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(5)
Machine Model, 220pF–240pF discharged through all pins.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM48520 LM48520TLBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com