Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48520TL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM48520TL/NOPB
Description  LM48520 Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48520TL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM48520TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM48520, LM48520TLBD
www.ti.com
SNAS367C – FEBRUARY 2008 – REVISED APRIL 2013
LM48520
Boosted Stereo Class D Audio Power Amplifier
with Output Speaker Protection and Spread Spectrum
Check for Samples: LM48520, LM48520TLBD
1
FEATURES
DESCRIPTION
The LM48520 integrates a boost converter with a
2
•
Click and Pop Suppression
high efficiency Class D stereo audio power amplifier
•
Low 0.04
μA Shutdown Current
to provide up to 1W/ch continuous power into an 8
Ω
•
78% Efficiency
speaker when operating from 2.7V to 5.0V power
supply with boost voltage (PV1) of 5.0V. The
•
Filterless Class D
LM48520 utilizes a proprietary spread spectrum pulse
•
2.7V - 5.0V Operation
width
modulation
technique
that
lowers
RF
•
4 Adjustable Gain Settings
interference and EMI levels. The Class D amplifier is
a
low
noise,
filterless
PWM
architecture
that
•
Adjustable Output Swing Limiter with Soft
eliminates
the
output
filter,
reducing
external
Clipping
component count, board area, power consumption,
•
Speaker Protection
system cost, and simplifying design.
•
Short Circuit Protection on Audio Amps
The LM48520 is designed for use in mobile phones
•
Independent Boost and Amplifier Shutdown
and other portable communication devices. The high
Pins
(78%) efficiency extends battery life when compared
to Boosted Class AB amplifiers. The LM48520
APPLICATIONS
features a low-power consumption shutdown mode.
Shutdown may be enabled by driving the Shutdown
•
Mobile Phones
pin to a logic low (GND). Also, external leakage is
•
PDAs
minimized via control of the ground reference via the
•
Portable media
SW-OUT pin .
•
Cameras
The LM48520 has 4 gain options which are pin
selectable via Gain0 and Gain1 pins. Output short
•
Handheld games
circuit prevents the device from damage during fault
conditions.
Superior
click
and
pop
suppression
KEY SPECIFICATIONS
eliminates audible transients during power-up and
•
Quiescent Power Supply Current: 11.5 mA(typ)
shutdown.
•
Output Power (RL = 8Ω, THD+N ≤ 1%,
VDD = 3.3V,PV1 = 5.0V): 1.1 W(typ)
•
Shutdown Current: 0.04
μA(typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM48520TL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48520TL/NOPB TI1-LM48520TL/NOPB Datasheet
803Kb / 20P
Boosted Stereo Class D Audio Power Amplifier
More results

Similar Description - LM48520TL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48520 NSC-LM48520 Datasheet
359Kb / 18P
Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Eutech Microelectronics...
EUA2310 EUTECH-EUA2310 Datasheet
103Kb / 1P
15-W Stereo Class-D Audio Power Amplifier with Speaker Protection
EUA2313 EUTECH-EUA2313 Datasheet
103Kb / 1P
6-W Stereo Class-D Audio Power Amplifier with Speaker Protection
logo
Texas Instruments
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM48520 TI1-LM48520_14 Datasheet
805Kb / 20P
Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
LM48520 TI1-LM48520 Datasheet
803Kb / 20P
Boosted Stereo Class D Audio Power Amplifier
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
Eutech Microelectronics...
EUA2310B EUTECH-EUA2310B Datasheet
1Mb / 1P
15-W Stereo Class-D Audio Power Amplifier with Speaker Protection
EUA2313B EUTECH-EUA2313B Datasheet
99Kb / 1P
6-W Stereo Class-D Audio Power Amplifier with Speaker Protection
logo
NXP Semiconductors
TFA9895 NXP-TFA9895 Datasheet
311Kb / 21P
Boosted class-D audio amplifier with speaker boost protection and multiband dynamic range compressor
Rev. 1-23 October 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com