Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48520TL/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM48520TL/NOPB
Description  LM48520 Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48520TL/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM48520TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 12Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 13Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LM48520, LM48520TLBD
SNAS367C – FEBRUARY 2008 – REVISED APRIL 2013
www.ti.com
APPLICATION INFORMATION
General Amplifier Function
The LM48520 features a Class D audio power amplifier that utilizes a filterless modulation scheme, reducing
external component count, conserving board space and reducing system cost. The outputs of the device
transition from PV1 to GND with a 300kHz switching frequency. With no signal applied, the outputs (VLS+ and
VLS-) switch with a 50% duty cycle, in phase, causing the two outputs to cancel. This cancellation results in no
net voltage across the speaker, thus there is no current to the load in the idle state.
With the input signal applied, the duty cycle (pulse width) of the LM48520 outputs changes. For increasing output
voltage, the duty cycle of VLS+ increases, while the duty cycle of VLS-decreases. For decreasing output voltages,
the converse occurs. The difference between the two pulse widths yields the differential output voltage.
Differential Amplifier Explanation
The amplifier portion of the LM48520 is a fully differential amplifier that features differential input and output
stages. A differential amplifier amplifies the difference between the two input signals. Traditional audio power
amplifiers have typically offered only single-ended inputs resulting in a 6dB reduction in signal to noise ratio
relative to differential inputs. The amplifier also offers the possibility of DC input coupling which eliminates the
two external AC coupling, DC blocking capacitors. The amplifier can be used, however, as a single ended input
amplifier while still retaining it's fully differential benefits. In fact, completely unrelated signals may be placed on
the input pins. The amplifier portion of the LM48520 simply amplifies the difference between the signals. A major
benefit of a differential amplifier is the improved common mode rejection ratio (CMRR) over single input
amplifiers. The common-mode rejection characteristic of the differential amplifier reduces sensitivity to ground
offset related noise injection, especially important in high noise applications.
Amplifier Dissipation and Efficiency
The major benefit of a Class D amplifier is increased efficiency versus a Class AB. The efficiency of the
LM48520 is attributed to the region of operation of the transistors in the output stage. The Class D output stage
acts as current steering switches, consuming negligible amounts of power compared to their Class AB
counterparts. Most of the power loss associated with the output stage is due to the IR loss of the MOSFET on-
resistance, along with switching losses due to gate charge.
Regulator Power Dissipation
At higher duty cycles, the increased ON-time of the switch FET means the maximum output current will be
determined by power dissipation within the LM48520 FET switch. The switch power dissipation from ON-time
conduction is calculated by:
PD(SWITCH) = DC x (IINDUCTOR(AVE))
2 x R
DS(ON)
(W)
(1)
where:
Where DC is the duty cycle
Shutdown Function
The LM48520 features independent amplifier and regulator shutdown controls, allowing each portion of the
device to be disabled or enabled independently. AmpSD controls the Class D amplifiers, while BstSD controls
the regulator. Driving either inputs low disables the corresponding portion of the device, and reducing supply
current.
When the regulator is disabled, both FB_GND switches open, further reducing shutdown current by eliminating
the current path to GND through the regulator feedback network. With the regulator disabled, there is still a
current path from VDD, through the inductor and diode, to the amplifier power supply. This allows the amplifier to
operate even when the regulator is disabled. The voltage at PV1 and V1 will be:
VDD — [VD + (IL x DCR)]
(2)
where:
VD is the forward voltage of the Schottky diode
IL is the current through the inductor
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM48520 LM48520TLBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com