Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48520TL/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM48520TL/NOPB
Description  LM48520 Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48520TL/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM48520TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
4
4.2
4.4
4.6
4.8
5
5.2
5.4
0
200
400
600
800 1000 1200 1400
LOAD CURRENT (mA)
4.4
4.6
4.8
5
5.2
5.4
0
200
400
600
800 1000 1200 1400
LOAD CURRENT (mA)
0
2
4
6
8
10
12
14
16
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0
1
2
3
4
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
THD+N = 1%
THD+N = 10%
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
FREQUENCY (Hz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
FREQUENCY (Hz)
-100
LM48520, LM48520TLBD
SNAS367C – FEBRUARY 2008 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
CMRR vs Frequency
PSRR vs Frequency
VDD =3.3V, VRIPPLE = 1VP-P, RL = 8Ω
VDD =3.3V, VRIPPLE = 200mVP-P, RL = 8Ω
Figure 15.
Figure 16.
Supply Current vs Supply Voltage
Output Power vs Supply Voltage
No Load
RL = 8Ω, f = 1kHz
Figure 17.
Figure 18.
Boost Output Voltage vs Load Current
Boost Output Voltage vs Load Current
VDD = 2.7V
VDD = 3.3V
Figure 19.
Figure 20.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM48520 LM48520TLBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com