Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48520TL/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM48520TL/NOPB
Description  LM48520 Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48520TL/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM48520TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LM48520, LM48520TLBD
SNAS367C – FEBRUARY 2008 – REVISED APRIL 2013
www.ti.com
Operating Ratings
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +85°C
Supply Voltage (VDD)
2.7V
≤ VDD ≤ 5.0V
Amplifier Voltage (V1 )
Not under Boosted Condition
2.4V
≤ V1 ≤ 5.5V
Amplifier Voltage (PV1 )
Under Boosted Condition
3.0V
≤ PV1 ≤ 5.0V
Electrical Characteristics VDD = 3.3V
(1) (2)
The following specifications apply for VDD = 3.3V, AV = 6dB, RL = 15µH + 8Ω +15µH, fIN = 1kHz, unless otherwise specified.
Limits apply for TA = 25°C, R1 = 40.2kΩ, R2 = 16.2kΩ, V1 = PV1 = 5V, Vlimit = GND. All electrical specifications are for amplifier
and booster.
LM48520
Units
Parameter
Test Conditions
Typ
Limit
(Limits)
(3)
(4) (5)
VIN = 0, RLOAD = ∞
VDD = 2.7V
14.8
IDD
Quiescent Power Supply Current
VDD = 3.3V
11.5
15.5
mA (max)
VDD = 5.0V
8.0
ISD
Shutdown Current
VSHUTDOWN = GND
0.04
1.0
μA (max)
VSDIH
Shutdown Voltage Input High
For SD Boost, SD Amp
1.4
V
VSDIL
Shutdown Voltage Input Low
For SD Boost, SD Amp
0.4
V
TWU
Wake-up Time
Amplifier + Booster Wakeup
3
ms
VOS
Output Offset Voltage
5
mV
G0, G1 = GND
6
dB
RL = ∞
G0 = VDD, G1 = GND
12
dB
RL = ∞
AV
Gain
G0 = GND, G1 = VDD
18
dB
RL = ∞
G0, G1 = VDD
24
dB
RL = ∞
RL = 15μH + 8Ω + 15μH
THD+N = 1% (max),
1.1
0.87
W (min)
f = 1kHz, 22kHz, BW
VDD = 3.3V
PO
Output Power
RL = 15μH + 8Ω + 15μH
THD+N = 10% (max),
1.3
W
f = 1kHz, 22kHz, BW
VDD = 3.3V
PO = 500mW, f = 1kHz,
THD+N
Total Harmonic Distortion + Noise
RL = 15μH + 8Ω + 15μH,
0.04
%
VDD = 3.3V
VDD = 3.6V, f = 20Hz – 20kHz
εOS
Output Noise
32
µVRMS
Inputs to AC GND, A weighted
(1)
All voltages are measured with respect to the GND pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are ensured by design, test, or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM48520 LM48520TLBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com