Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48520TL/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM48520TL/NOPB
Description  LM48520 Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48520TL/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM48520TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 12Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 13Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 14Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LM48520, LM48520TLBD
www.ti.com
SNAS367C – FEBRUARY 2008 – REVISED APRIL 2013
DCR is the DC resistance of the inductor
Additionally, when the regulator is disabled, an external voltage between 2.4V and 5.5V can be applied directly to
PV1 and V1 to power the amplifier.
It is best to switch between ground and VDD for minimum current consumption while in shutdown. The LM48520
may be disabled with shutdown voltages in between GND and VDD, the idle current will be greater than the
typical 0.1µA value. Increased THD+N may also be observed when a voltage of less than VDD is applied to
AmpSD.
Proper Selection of External Components
Proper selection of external components in applications using integrated power amplifiers, and switching DC-DC
converters, is critical for optimizing device and system performance. Consideration to component values must be
used to maximize overall system quality.
The best capacitors for use with the switching converter portion of the LM48520 are multi-layer ceramic
capacitors. They have the lowest ESR (equivalent series resistance) and highest resonance frequency, which
makes them optimum for high frequency switching converters.
When selecting a ceramic capacitor, only X5R and X7R dielectric types should be used. Other types such as
Z5U and Y5F have such severe loss of capacitance due to effects of temperature variation and applied voltage,
they may provide as little as 20% of rated capacitance in many typical applications. Always consult capacitor
manufacturer’s data curves before selecting a capacitor. High-quality ceramic capacitors can be obtained from
Taiyo-Yuden, AVX, and Murata.
Power Supply Bypassing for Amplifier
As with any amplifier, proper supply bypassing is critical for low noise performance and high power supply
rejection. The capacitor location on both PV1, V1 and VDD pins should be as close to the device as possible.
Selecting Input Capacitor for Audio Amplifier
Input capacitors, CIN, in conjunction with the input impedance of the LM48520 forms a high pass filter that
removes the DC bias from an incoming signal. The AC-coupling capacitor allows the amplifier to bias the signal
to an optimal DC level. Assuming zero source impedance, the -3dB point of the high pass filter is given by:
f(–3dB) = 1/2πRINCIN
(3)
Choose CIN such that f-3dB is well below that lowest frequency of interest. Setting f-3dB too high affects the low-
frequency responses of the amplifier. Use capacitors with low voltage coefficient dielectrics, such as tantalum or
aluminum electrolytic. Capacitors with high-voltage coefficients, such as ceramics, may result in increased
distortion at low frequencies. Other factors to consider when designing the input filter include the constraints of
the overall system. Although high fidelity audio requires a flat frequency response between 20Hz and 20kHz,
portable devices such as cell phones may only concentrate on the frequency range of the frequency range of the
spoken human voice (typically 300Hz to 4kHz). In addition, the physical size of the speakers used in such
portable devices limits the low frequency response; in this case, frequencies below 150Hz may be filtered out.
Selecting Output Capacitor (CO) for Boost Converter
A single 100µF low ESR tantalum capacitor provides sufficient output capacitance for most applications. Higher
capacitor values improve line regulation and transient response. Typical electrolytic capacitors are not suitable
for switching converters that operate above 500kHz because of significant ringing and temperature rise due to
self-heating from ripple current. An output capacitor with excessive ESR reduces phase margin and causes
instability.
Selecting Input Capacitor (Cs1) for Boost Converter
An input capacitor is required to serve as an energy reservoir for the current which must flow into the coil each
time the switch turns ON. This capacitor must have extremely low ESR, so ceramic is the best choice. We
recommend a nominal value of 2.2µF, but larger values can be used. Since this capacitor reduces the amount of
voltage ripple seen at the input pin, it also reduces the amount of EMI passed back along that line to other
circuitry.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM48520 LM48520TLBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com