Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W800AT Datasheet(PDF) 13 Page - STMicroelectronics

Part # M29W800AT
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W800AT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M29W800AT Datasheet HTML 9Page - STMicroelectronics M29W800AT Datasheet HTML 10Page - STMicroelectronics M29W800AT Datasheet HTML 11Page - STMicroelectronics M29W800AT Datasheet HTML 12Page - STMicroelectronics M29W800AT Datasheet HTML 13Page - STMicroelectronics M29W800AT Datasheet HTML 14Page - STMicroelectronics M29W800AT Datasheet HTML 15Page - STMicroelectronics M29W800AT Datasheet HTML 16Page - STMicroelectronics M29W800AT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
13/40
M29W800AT, M29W800AB
block addresses can be written subsequently to
erase other blocks in parallel, without further Cod-
ed cycles. The erase will start after the erase tim-
eout period (see Erase Timer Bit DQ3 description).
Thus, additional Erase Confirm commands for oth-
er blocks must be given within this delay. The input
of a new Erase Confirm command will restart the
timeout period. The status of the internal timer can
be monitored through the level of DQ3, if DQ3 is '0'
the Block Erase Command has been given and
the timeout is running, if DQ3 is '1', the timeout has
expired and the P/E.C. is erasing the Block(s). If
the second command given is not an erase con-
firm or if the Coded cycles are wrong, the instruc-
tion aborts, and the device is reset to Read Array.
It is not necessary to program the block with 00h
as the P/E.C. will do this automatically before to
erasing to FFh. Read operations after the sixth ris-
ing edge of W or E output the status register status
bits.
During the execution of the erase by the P/E.C.,
the memory accepts only the Erase Suspend ES
instruction. Data Polling bit DQ7 returns '0' while
the erasure is in progress and '1' when it has com-
pleted. The Toggle bit DQ2 and DQ6 toggle during
the erase operation. They stop when erase is com-
pleted. After completion the Status Register bit
DQ5 returns '1' if there has been an erase failure.
In such a situation, the Toggle bit DQ2 can be
used to determine which block is not correctly
erased. In the case of erase failure, a Read/Reset
RD instruction is necessary in order to reset the P/
E.C.
Chip Erase (CE) Instruction. This
instruction
uses six write cycles. The Erase Set-up command
80h is written to address AAAh in the Byte-wide
configuration or the address 555h in the Word-
wide configuration on the third cycle after the two
Coded cycles. The Chip Erase Confirm command
10h is similarly written on the sixth cycle after an-
other two Coded cycles. If the second command
given is not an erase confirm or if the Coded cy-
cles are wrong, the instruction aborts and the de-
vice is reset to Read Array. It is not necessary to
program the array with 00h first as the P/E.C. will
automatically do this before erasing it to FFh.
Read operations after the sixth rising edge of W or
E output the Status Register bits. During the exe-
cution of the erase by the P/E.C., Data Polling bit
DQ7 returns '0', then '1' on completion. The Toggle
bits DQ2 and DQ6 toggle during erase operation
and stop when erase is completed. After comple-
tion the Status Register bit DQ5 returns '1' if there
has been an Erase Failure.
Erase Suspend (ES) Instruction. The
Block
Erase operation may be suspended by this in-
struction which consists of writing the command
B0h without any specific address. No Coded cy-
cles are required. It permits reading of data from
another block and programming in another block
while an erase operation is in progress. Erase sus-
pend is accepted only during the Block Erase in-
struction execution. Writing this command during
Erase timeout will, in addition to suspending the
erase, terminate the timeout. The Toggle bit DQ6
stops toggling when the P/E.C. is suspended. The
Toggle bits will stop toggling between 0.1µs and
15µs after the Erase Suspend (ES) command has
been written. The device will then automatically be
set to Read Memory Array mode. When erase is
suspended, a Read from blocks being erased will
output DQ2 toggling and DQ6 at '1'. A Read from
a block not being erased returns valid data. During
suspension the memory will respond only to the
Erase Resume ER and the Program PG instruc-
tions. A Program operation can be initiated during
erase suspend in one of the blocks not being
erased. It will result in both DQ2 and DQ6 toggling
when the data is being programmed.
Erase Resume (ER) Instruction. If
an
Erase
Suspend instruction was previously executed, the
erase operation may be resumed by giving the
command 30h, at any address, and without any
Coded cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com