Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W800AT Datasheet(PDF) 16 Page - STMicroelectronics

Part # M29W800AT
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W800AT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M29W800AT Datasheet HTML 12Page - STMicroelectronics M29W800AT Datasheet HTML 13Page - STMicroelectronics M29W800AT Datasheet HTML 14Page - STMicroelectronics M29W800AT Datasheet HTML 15Page - STMicroelectronics M29W800AT Datasheet HTML 16Page - STMicroelectronics M29W800AT Datasheet HTML 17Page - STMicroelectronics M29W800AT Datasheet HTML 18Page - STMicroelectronics M29W800AT Datasheet HTML 19Page - STMicroelectronics M29W800AT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
M29W800AT, M29W800AB
16/40
Table 10. Status Register Bits
Note: 1. Logic level '1' is High, '0' is Low. -0-1-0-0-0-1-1-1-0- represent bit value in successive Read operations.
2. Toggle if the address is within a block being erased.
'1' if the address is within a block not being erased.
DQ
Name
Logic Level
Definition
Note
7
Data
Polling
’1’
Erase Complete or erase block
in Erase Suspend
Indicates the P/E.C. status, check during
Program or Erase, and on completion before
checking bits DQ5 for program or Erase
Success.
’0’
Erase On-going
DQ
Program Complete or data of
non erase block during Erase
Suspend
DQ
Program On-going
6
Toggle Bit
’-1-0-1-0-1-0-1-’
Erase or Program On-going
Successive reads output complementary
data on DQ6 while Programming or Erase
operations are on-going. DQ6 remains at
constant level when P/E.C. operations are
completed or Erase Suspend is
acknowledged.
DQ
Program Complete
’-1-1-1-1-1-1-1-’
Erase Complete or Erase
Suspend on currently
addressed block
5
Error Bit
’1’
Program or Erase Error
This bit is set to ‘1’ in the case of
Programming or Erase failure.
’0’
Program or Erase On-going
4
Reserved
3
Erase
Time Bit
’1’
Erase Timeout Period Expired
P/E.C. Erase operation has started. Only
possible command entry is Erase Suspend
(ES).
’0’
Erase Timeout Period On-going
An additional block to be erased in parallel
can be entered to the P/E.C.
2
Toggle Bit
’-1-0-1-0-1-0-1-’
Chip Erase, Erase or Erase
Suspend on the currently
addressed block.
Erase Error due to the currently
addressed block
(when DQ5 = ‘1’).
Indicates the erase status and allows to
identify the erased block
1
Program on-going, Erase on-
going on another block or
Erase Complete
DQ
Erase Suspend read on non
Erase Suspend block
1
Reserved
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com