Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W800AT Datasheet(PDF) 33 Page - STMicroelectronics

Part # M29W800AT
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W800AT Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M29W800AT Datasheet HTML 29Page - STMicroelectronics M29W800AT Datasheet HTML 30Page - STMicroelectronics M29W800AT Datasheet HTML 31Page - STMicroelectronics M29W800AT Datasheet HTML 32Page - STMicroelectronics M29W800AT Datasheet HTML 33Page - STMicroelectronics M29W800AT Datasheet HTML 34Page - STMicroelectronics M29W800AT Datasheet HTML 35Page - STMicroelectronics M29W800AT Datasheet HTML 36Page - STMicroelectronics M29W800AT Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
33/40
M29W800AT, M29W800AB
SECURITY PROTECTION MEMORY AREA
The M29W800A features a security protection
memory area. It consists of a memory block of 256
bytes or 128 words which is programmed in the ST
factory to store a unique code that uniquely identi-
fies the part.
This memory block can be read by using the Read
Security Data instruction (RDS) as shown in Table
23.
Read Security Data (RDS) Instruction. This RDS
uses a single write cycle instruction: the command
B8h is written to the address AAh. This sets the
memory to the Read Security mode. Any succes-
sive read attempt will output the addressed Secu-
rity byte until a new write cycle is initiated.
Table 23. Security Block Instruction
Note: 1. Address bits A10-A19 are don't care for coded address inputs.
2. Data bits DQ8-DQ15 are don't care for coded address inputs.
Figure 17. Security Block Address Table
Mne.
Instr.
Cyc.
Unlock Cycle
2nd Cyc.
1st Cyc.
RDS
Read
Security
Data
1
Addr. (1)
AAh
Read OTP Data until a new write cycle is initiated.
Data (2)
B8h
Security
Memory Block
AI02746
TOP BOOT BLOCK
000FFh
Security
Memory Block
00000h
0E0FFh
0E000h
BOTTOM BOOT BLOCK
Security
Memory Block
TOP BOOT BLOCK
0007Fh
Security
Memory Block
00000h
0E01Fh
0E000h
BOTTOM BOOT BLOCK
BYTE Organisation (x8)
WORD Organisation (x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com