Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W800AT Datasheet(PDF) 28 Page - STMicroelectronics

Part # M29W800AT
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W800AT Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M29W800AT Datasheet HTML 24Page - STMicroelectronics M29W800AT Datasheet HTML 25Page - STMicroelectronics M29W800AT Datasheet HTML 26Page - STMicroelectronics M29W800AT Datasheet HTML 27Page - STMicroelectronics M29W800AT Datasheet HTML 28Page - STMicroelectronics M29W800AT Datasheet HTML 29Page - STMicroelectronics M29W800AT Datasheet HTML 30Page - STMicroelectronics M29W800AT Datasheet HTML 31Page - STMicroelectronics M29W800AT Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
M29W800AT, M29W800AB
28/40
Figure 12. Data Polling and Toggle Bit AC Characteristics (1)
(TA = 0 to 70°C, –20 to 85°C or –40 to 85°C)
Note: 1. All other timings are defined in Read AC Characteristics table.
Table 21. Data Polling and Toggle Bit AC Characteristics (1)
(TA = 0 to 70°C, –20 to 85°C or –40 to 85°C)
Note: 1. All other timings are defined in Read AC Characteristics table.
Symbol
Parameter
M29W800AT / M29W800AB
Unit
80
90
VCC = 3.0V to 3.6V
CL = 30pF
VCC = 2.7V to 3.6V
CL = 30pF
MinMax
MinMax
tEHQ7V
Chip Enable High to DQ7 Valid
(Program, E Controlled)
10
2400
10
2400
µs
Chip Enable High to DQ7 Valid
(Chip Erase, E Controlled)
1.0601.0
60
sec
tEHQV
Chip Enable High to Output Valid (Program)
10
2400
10
2400
µs
Chip Enable High to Output Valid (Chip Erase)
1.0
60
1.0
60
sec
tQ7VQV
Q7 Valid to Output Valid (Data Polling)
35
35
ns
tWHQ7V
Write Enable High to DQ7 Valid
(Program, W Controlled)
10
2400
10
2400
ms
Write Enable High to DQ7 Valid
(Chip Erase, W Controlled)
1.0601.0
60
sec
tWHQV
Write Enable High to Output Valid (Program)
10
2400
10
2400
µs
Write Enable High to Output Valid (Chip Erase)
1.0
60
1.0
60
sec
Symbol
Parameter
M29W800AT / M29W800AB
Unit
100
120
VCC = 2.7V to 3.6V
CL = 30pF
VCC = 2.7V to 3.6V
CL = 100pF
MinMax
MinMax
tEHQ7V
Chip Enable High to DQ7 Valid
(Program, E Controlled)
10
2400
10
2400
µs
Chip Enable High to DQ7 Valid
(Chip Erase, E Controlled)
1.0601.0
60
sec
tEHQV
Chip Enable High to Output Valid (Program)
10
2400
10
2400
µs
Chip Enable High to Output Valid (Chip Erase)
1.0
60
1.0
60
sec
tQ7VQV
Q7 Valid to Output Valid (Data Polling)
40
50
ns
tWHQ7V
Write Enable High to DQ7 Valid
(Program, W Controlled)
10
2400
10
2400
ms
Write Enable High to DQ7 Valid
(Chip Erase, W Controlled)
1.0601.0
60
sec
tWHQV
Write Enable High to Output Valid (Program)
10
2400
10
2400
µs
Write Enable High to Output Valid (Chip Erase)
1.0
60
1.0
60
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com