Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W800AT Datasheet(PDF) 14 Page - STMicroelectronics

Part # M29W800AT
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W800AT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M29W800AT Datasheet HTML 10Page - STMicroelectronics M29W800AT Datasheet HTML 11Page - STMicroelectronics M29W800AT Datasheet HTML 12Page - STMicroelectronics M29W800AT Datasheet HTML 13Page - STMicroelectronics M29W800AT Datasheet HTML 14Page - STMicroelectronics M29W800AT Datasheet HTML 15Page - STMicroelectronics M29W800AT Datasheet HTML 16Page - STMicroelectronics M29W800AT Datasheet HTML 17Page - STMicroelectronics M29W800AT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
M29W800AT, M29W800AB
14/40
Table 8. Instructions (1)
Note: 1. Commands not interpreted in this table will default to read array mode.
2. A wait of tPLYH is necessary after a Read/Reset command if the memory was in an Erase or Program mode before starting any new
operation (see Tables 15, 16 and Figure 13).
3. X = Don't Care.
4. The first cycles of the RD or AS instructions are followed by read operations. Any number of read cycles can occur after the com-
mand cycles.
5. Signature Address bits A0, A1, at VIL will output Manufacturer code (20h). Address bits A0 at VIH and A1, at VIL will output Device
code.
6. Block Protection Address: A0, at VIL, A1 at VIH and A15-A18 within the Block will output the Block Protection status.
7. For Coded cycles address inputs A11-A18 are don't care.
8. Optional, additional Blocks addresses must be entered within the erase timeout delay after last write entry, timeout statuscan be
verified through DQ3 value (see Erase Timer Bit DQ3 description). When full command is entered, read Data Polling or Toggle bit
until Erase is completed or suspended.
9. Read Data Polling, Toggle bits or RB until Erase completes.
10. During Erase Suspend, Read and Data Program functions are allowed in blocks not being erased.
Mne.
Instr.
Cyc.
1st Cyc. 2nd Cyc. 3rd Cyc. 4th Cyc. 5th Cyc. 6th Cyc.
7th Cyc.
RD (2,4)
Read/Reset
Memory
Array
1+
Addr. (3,7)
X
Read Memory Array until a new write cycle is initiated.
Data
F0h
3+
Addr.
(3,7)
Byte
AAAh
555h
AAAh
Read Memory Array until a new write cycle
is initiated.
Word
555h
2AAh
555h
Data
AAh
55h
F0h
AS (4)
Auto Select
3+
Addr.
(3,7)
Byte
AAAh
555h
AAAh
Read Electronic Signature or Block
Protection Status until a new write cycle is
initiated. See Note 5 and 6.
Word
555h
2AAh
555h
Data
AAh
55h
90h
PG
Program
4
Addr.
(3,7)
Byte
AAAh
555h
AAAh
Program
Address Read Data Polling or Toggle Bit
until Program completes.
Word
555h
2AAh
555h
Data
AAh
55h
A0h
Program
Data
BE
Block Erase
6
Addr.
(3,7)
Byte
AAAh
555h
AAAh
AAAh
555h
Block
Address
Additional
Block (8)
Word
555h
2AAh
555h
555h
2AAh
Data
AAh
55h
80h
AAh
55h
30h
30h
CE
Chip Erase
6
Addr.
(3,7)
Byte
AAAh
555h
AAAh
AAAh
555h
AAAh
Note 9
Word
555h
2AAh
555h
555h
2AAh
555h
Data
AAh
55h
80h
AAh
55h
10h
ES (10)
Erase
Suspend
1
Addr. (3,7)
X
Read until Toggle stops, then read all the data needed from any
Block(s) not being erased then Resume Erase.
Data
B0h
ER
Erase
Resume
1
Addr. (3,7)
X
Read Data Polling or Toggle Bits until Erase completes or Erase
is suspended another time.
Data
30h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com