Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W800AT Datasheet(PDF) 22 Page - STMicroelectronics

Part # M29W800AT
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W800AT Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M29W800AT Datasheet HTML 18Page - STMicroelectronics M29W800AT Datasheet HTML 19Page - STMicroelectronics M29W800AT Datasheet HTML 20Page - STMicroelectronics M29W800AT Datasheet HTML 21Page - STMicroelectronics M29W800AT Datasheet HTML 22Page - STMicroelectronics M29W800AT Datasheet HTML 23Page - STMicroelectronics M29W800AT Datasheet HTML 24Page - STMicroelectronics M29W800AT Datasheet HTML 25Page - STMicroelectronics M29W800AT Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
M29W800AT, M29W800AB
22/40
Table 17. Write AC Characteristics, W Controlled
(TA = 0 to 70°C, –20 to 85°C or –40 to 85°C)
Note: 1. Sampled only, not 100% tested.
2. This timing is for Temporary Block Unprotection operation.
Symbol
Alt
Parameter
M29W800AT / M29W800AB
Unit
80
90
VCC = 3.0V to 3.6V
CL = 30pF
VCC = 2.7V to 3.6V
CL = 30pF
Min
Max
Min
Max
tAVAV
tWC
Address Valid to Next Address Valid
80
90
ns
tAVWL
tAS
Address Valid to Write Enable Low
0
0
ns
tDVWH
tDS
Input Valid to Write Enable High
35
45
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
0
0
ns
tGHWL
Output Enable High to Write Enable Low
0
0
ns
tPHPHH
(1, 2)
tVIDR
RP Rise Time to VID
500
500
ns
tPHWL
(1)
tRSP
RP High to Write Enable Low
4
4
µs
tPLPX
tRP
RP Pulse Width
500
500
ns
tVCHEL
tVCS
VCC High to Chip Enable Low
50
50
µs
tWHDX
tDH
Write Enable High to Input Transition
0
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
0
0
ns
tWHGL
tOEH
Write Enable High to Output Enable Low
0
0
ns
tWHRL
(1)
tBUSY
Program Erase Valid to RB Delay
90
90
ns
tWHWL
tWPH
Write Enable High to Write Enable Low
30
30
ns
tWLAX
tAH
Write Enable Low to Address Transition
45
45
ns
tWLWH
tWP
Write Enable Low to Write Enable High
35
35
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com