Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W800AT Datasheet(PDF) 24 Page - STMicroelectronics

Part # M29W800AT
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W800AT Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M29W800AT Datasheet HTML 20Page - STMicroelectronics M29W800AT Datasheet HTML 21Page - STMicroelectronics M29W800AT Datasheet HTML 22Page - STMicroelectronics M29W800AT Datasheet HTML 23Page - STMicroelectronics M29W800AT Datasheet HTML 24Page - STMicroelectronics M29W800AT Datasheet HTML 25Page - STMicroelectronics M29W800AT Datasheet HTML 26Page - STMicroelectronics M29W800AT Datasheet HTML 27Page - STMicroelectronics M29W800AT Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
M29W800AT, M29W800AB
24/40
Table 19. Write AC Characteristics, E Controlled
(TA = 0 to 70°C, –20 to 85°C or –40 to 85°C)
Note: 1. Sampled only, not 100% tested.
2. This timing is for Temporary Block Unprotection operation.
Symbol
Alt
Parameter
M29W800AT / M29W800AB
Unit
80
90
VCC = 3.0V to 3.6V
CL = 30pF
VCC = 2.7V to 3.6V
CL = 30pF
Min
Max
Min
Max
tAVAV
tWC
Address Valid to Next Address Valid
80
90
ns
tAVEL
tAS
Address Valid to Chip Enable Low
0
0
ns
tDVEH
tDS
Input Valid to Chip Enable High
35
45
ns
tEHDX
tDH
Chip Enable High to Input Transition
0
0
ns
tEHEL
tCPH
Chip Enable High to Chip Enable Low
30
30
ns
tEHGL
tOEH
Chip Enable High to Output Enable Low
0
0
ns
tEHRL
(1)
tBUSY
Program Erase Valid to RB Delay
80
90
ns
tEHWH
tWH
Chip Enable High to Write Enable High
0
0
ns
tELAX
tAH
Chip Enable Low to Address Transition
45
45
ns
tELEH
tCP
Chip Enable Low to Chip Enable High
35
35
ns
tGHEL
Output Enable High Chip Enable Low
0
0
ns
tPHPHH
(1, 2)
tVIDR
RP Rise TIme to VID
500
500
ns
tPHWL
(1)
tRSP
RP High to Write Enable Low
4
4
µs
tPLPX
tRP
RP Pulse Width
500
500
ns
tVCHWL
tVCS
VCC High to Write Enable Low
50
50
µs
tWLEL
tWS
Write Enable Low to Chip Enable Low
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com