Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBP2501BPB Datasheet(PDF) 72 Page - SONiX Technology Company

Part # SMBP2501BPB
Description  8-Bit Micro-Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SMBP2501BPB Datasheet(HTML) 72 Page - SONiX Technology Company

Back Button SMBP2501BPB Datasheet HTML 68Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 69Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 70Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 71Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 72Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 73Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 74Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 75Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 76Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 107 page
background image
SN8P2501B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 72
Version 2.1
7.3 I/O OPEN-DRAIN REGISTER
P1.0 is built-in open-drain function. P1.0 must be set as output mode when enable P1.0 open-drain function.
Open-drain external circuit is as following.
U
MCU2
U
VCC
Open-drain pin
Open-drain pin
MCU1
Pull -up Resi stor
The pull-up resistor is necessary. Open-drain output high is driven by pull-up resistor. Output low is sunken by MCU
’s
pin.
0E9H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1OC
-
-
-
-
-
-
-
P10OC
Read/Write
-
-
-
-
-
-
-
W
After reset
-
-
-
-
-
-
-
0
Bit 0
P10OC: P1.0 open-drain control bit
0 = Disable open-drain mode
1 = Enable open-drain mode
Example: Enable P1.0 to open-drain mode and output high.
B0BSET
P1.0
; Set P1.0 buffer high.
B0BSET
P10M
; Enable P1.0 output mode.
MOV
A, #01H
; Enable P1.0 open-drain function.
B0MOV
P1OC, A
Note: P1OC is write only register. Setting P10OC must be used
“MOV” instructions.
Example: Disable P1.0 to open-drain mode and output low.
MOV
A, #0
; Disable P1.0 open-drain function.
B0MOV
P1OC, A
Note: After disable P1.0 open-drain function, P1.0 mode returns to last I/O mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com