Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBP2501BPB Datasheet(PDF) 2 Page - SONiX Technology Company

Part # SMBP2501BPB
Description  8-Bit Micro-Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SMBP2501BPB Datasheet(HTML) 2 Page - SONiX Technology Company

  SMBP2501BPB Datasheet HTML 1Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 2Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 3Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 4Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 5Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 6Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 7Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 8Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 107 page
background image
SN8P2501B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 2
Version 2.1
AMENDMENT HISTORY
Version
Date
Description
VER 0.1
Jun 2005
First issue
Aug 2005
1.Modify P85 Internal Hihg RC.
2.ADD Brown-Out reset.
VER 0.2
Nov 2005
1.
Modify Topr value.
2.
ADD IHRC curve.
VER 0.3
Dec. 2005
1.
Modify Brown-Out Reset description
2.
Remove power consumption(Pc)
3.
Add T0 RTC description
4.
Add Fcpu limitation by Noise filter enable.
5.
Modify ELECTRICAL CHARACTERISTIC.
VER 0.4
Aug. 2006
1.
The Fcpu of IHRC_16M and IHRC_RTC mode is limited to Fosc/4~Fosc/16.
2.
Modify IHRC frequency curve in characteristic graphs section.
VER 0.5
Oct. 2006
1.
Add Marking Definition.
2.
Modify ELECTRICAL CHARACTERISTIC.
VER 0.6
Jan.2006
1.
Modify RST/P1.1/VPP PIN DISCRIPTION.
2.
Modify ELECTRICAL CHARACTERISTIC
VER 1.0
May. 2011
1.
Modify “Chapter 4.3 OSCM REGISTER” STPHX bit description : external high-speed
oscillator control bit=> High-speed oscillator control bit.
2.
Modify “Chapter 9 INSTRUCTION TABLE”: NOP/PUSH/POP/RETI instructions.
3.
Modify “Chapter 2.1.2 CODE OPTION TABLE” code option High_Clk = IHRC_RTC
description.
4.
Modify “Chapter 2.3.2 STACK REGISTERS” description : 9-bit >> 10-bit data
memory.
5.
Update
“Table of Content” and the others.
VER 1.1
Sep. 2011
Modify operating temperature 0~70℃ >> -10~70℃.
VER 1.2
Sep. 2011
Add T0 timer limited:
1.
T0 timer have T0IRQ clock loss issue in High_Clk code option = “IHRC_RTC” and
“T0TB = 1” mode. So user have to use main routing polling T0C state by the way,
recommend refer to “T0 TIMER WITH RTC FUNCTION OPERATION SEQUENCE”
chapter
2.
“T0 TIMER WITH RTC FUNCTION OPERATION SEQUENCE” chapter
description: main routing structure polling T0C value overflow to update RTC time.
Main routing interval time as one cycle is not more than 200ms.
3.
Add RTC limited description at
“INTERRUPT “chapter.
VER 1.3
Sep. 2011
Modify Hong Kong Office address.
VER 1.4
Oct. 2011
Modify
“WATCHDOG TIMER” chapter example program fail.
B0BSET FWDRST >> MOV A, #5AH
B0MOV WDTR,A
VER 1.5
Oct. 2011
Modify “TC0 CLOCK FREQUENCY OUTPUT (BUZZER)” chapter description :
TC0 Setup TC0OUT output from TC0 to TC0OUT (P5.4). The external
high-speed clock is 4MHz.. The TC0OUT frequency is 0.5KHz. Because the
TC0OUT signal is divided by 2, set the TC0 clock to 1KHz. The TC0 clock source
is from external oscillator clock. T0C rate is Fcpu/4. The TC0RATE2~TC0RATE1
= 110. TC0C = TC0R = 131.
>>
TC0 Setup TC0OUT output from TC0 to TC0OUT (P5.4). The external
high-speed clock is 4MHz.. Fcpu = Fosc/4 = 1MIPS. The TC0OUT frequency is
1KHz. Because the TC0OUT signal is divided by 2, set the TC0 clock to 2KHz.
The TC0 clock source is from external oscillator clock. TC0 rate is Fcpu/4. The
TC0RATE2~TC0RATE1 = 110. TC0C = TC0R = 131.
VER 1.6
Aug. 2012
Modify
“ELECTRICAL CHARACTERICS” chapter operating temperature from -10~70℃
to -20~85℃ and others.
VER 1.7
May. 2014
Delete
“T0 TIMER WITH RTC FUNCTION OPERATION SEQUENCE” chapter
VER 1.8
Aug. 2014
1. Modify
“ELECTRICAL CHARACTERISTIC” chapter :
I/O output source current (max.) = 20mA.
I/O output source current (min.) = 20mA.
2. Add PIN ASSIGNMENT : SN8P2501BA (MSOP 10pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com