Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBP2501BPB Datasheet(PDF) 49 Page - SONiX Technology Company

Part # SMBP2501BPB
Description  8-Bit Micro-Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SMBP2501BPB Datasheet(HTML) 49 Page - SONiX Technology Company

Back Button SMBP2501BPB Datasheet HTML 45Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 46Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 47Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 48Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 49Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 50Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 51Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 52Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 53Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 107 page
background image
SN8P2501B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 49
Version 2.1
4.4.2 EXTERNAL HIGH CLOCK
External high clock includes three modules (Crystal/Ceramic, RC and external clock signal). The high clock oscillator
module is controlled by High_Clk code option. The start up time of crystal/ceramic and RC type oscillator is different.
RC type oscillator
’s start-up time is very short, but the crystal’s is longer. The oscillator start-up time decides reset time
length.
RC
4MHz Ceramic
4MHz Crystal
32768Hz Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com