Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBP2501BPB Datasheet(PDF) 43 Page - SONiX Technology Company

Part # SMBP2501BPB
Description  8-Bit Micro-Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SMBP2501BPB Datasheet(HTML) 43 Page - SONiX Technology Company

Back Button SMBP2501BPB Datasheet HTML 39Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 40Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 41Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 42Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 43Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 44Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 45Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 46Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 47Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 107 page
background image
SN8P2501B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 43
Version 2.1
3.6.2 Diode & RC Reset Circuit
MCU
VDD
VSS
VCC
GND
RST
R1
47K ohm
C1
0.1uF
DIODE
R2
100 ohm
This is the better reset circuit. The R1 and C1 circuit operation is like the simply reset circuit to make a power on signal.
The reset circuit has a simply protection against unusual power. The diode offers a power positive path to conduct
higher power to VDD. It is can make reset pin voltage level to synchronize with VDD voltage. The structure can
improve slight brown out reset condition.
Note: The R2 100 ohm resistor of “Simply reset circuit” and “Diode & RC reset circuit” is necessary to
limit any current flowing into reset pin from external capacitor C in the event of reset pin breakdown due
to Electrostatic Discharge (ESD) or Electrical Over-stress (EOS).
3.6.3 Zener Diode Reset Circuit
MCU
VDD
VSS
VCC
GND
RST
R1
33K ohm
R3
40K ohm
R2
10K ohm
Vz
Q1
E
C
B
The zener diode reset circuit is a simple low voltage detector and can improve brown out reset condition
completely
. Use zener voltage to be the active level. When VDD voltage level is above “Vz + 0.7V”, the C terminal of
the PNP transistor outputs high voltage and MCU
operates normally. When VDD is below “Vz + 0.7V”, the C terminal of
the PNP transistor outputs low voltage and MCU is in reset mode. Decide the reset detect voltage by zener
specification. Select the right zener voltage to conform the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com